Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29F040B45P3T Datasheet(PDF) 3 Page - STMicroelectronics

Part # M29F040B45P3T
Description  4 Mbit (512Kb x8, Uniform Block) Single Supply Flash Memory
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F040B45P3T Datasheet(HTML) 3 Page - STMicroelectronics

  M29F040B45P3T Datasheet HTML 1Page - STMicroelectronics M29F040B45P3T Datasheet HTML 2Page - STMicroelectronics M29F040B45P3T Datasheet HTML 3Page - STMicroelectronics M29F040B45P3T Datasheet HTML 4Page - STMicroelectronics M29F040B45P3T Datasheet HTML 5Page - STMicroelectronics M29F040B45P3T Datasheet HTML 6Page - STMicroelectronics M29F040B45P3T Datasheet HTML 7Page - STMicroelectronics M29F040B45P3T Datasheet HTML 8Page - STMicroelectronics M29F040B45P3T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3/21
M29F040B
SUMMARY DESCRIPTION
The M29F040B is a 4 Mbit (512Kb x8) non-volatile
memory that can be read, erased and repro-
grammed. These operations can be performed us-
ing a single 5V supply. On power-up the memory
defaults to its Read mode where it can be read in
the same way as a ROM or EPROM. The
M29F040B is fully backward compatible with the
M29F040.
The memory is divided into blocks that can be
erased independently so it is possible to preserve
valid data while old data is erased. Each block can
be protected independently to prevent accidental
Program or Erase commands from modifying the
memory. Program and Erase commands are writ-
ten to the Command Interface of the memory. An
on-chip Program/Erase Controller simplifies the
process of programming or erasing the memory by
taking care of all of the special operations that are
required to update the memory contents. The end
of a program or erase operation can be detected
and any error conditions identified. The command
set required to control the memory is consistent
with JEDEC standards.
Chip Enable, Output Enable and Write Enable sig-
nals control the bus operation of the memory.
They allow simple connection to most micropro-
cessors, often without additional logic.
The memory is offered in TSOP32 (8 x 20mm),
PLCC32 and PDIP32 packages and it is supplied
with all the bits erased (set to ‘1’).
Table 2. Absolute Maximum Ratings (1)
Note: 1. Except for the rating "Operating Temperature Range", stresses above those listed in the Table "Absolute Maximum Ratings" may
cause permanent damage to the device. These are stress ratings only and operation of the device at these or any other conditions
above those indicated in the Operating sections of this specification is not implied. Exposure to Absolute Maximum Rating condi-
tions for extended periods may affect device reliability. Refer also to the STMicroelectronics SURE Program and other relevant qual-
ity documents.
2. Minimum Voltage may undershoot to –2V during transition and for less than 20ns during transitions.
Symbol
Parameter
Value
Unit
TA
Ambient Operating Temperature (Temperature Range Option 1)
0 to 70
°C
Ambient Operating Temperature (Temperature Range Option 6)
–40 to 85
°C
Ambient Operating Temperature (Temperature Range Option 3)
–40 to 125
°C
TBIAS
Temperature Under Bias
–50 to 125
°C
TSTG
Storage Temperature
–65 to 150
°C
VIO
(2)
Input or Output Voltage
–0.6 to 6
V
VCC
Supply Voltage
–0.6 to 6
V
VID
Identification Voltage
–0.6 to 13.5
V
Table 3. Uniform Block Addresses, M29F040B
#
Size
(Kbytes)
Address Range
7
64
70000h-7FFFFh
6
64
60000h-6FFFFh
5
64
50000h-5FFFFh
4
64
40000h-4FFFFh
3
64
30000h-3FFFFh
2
64
20000h-2FFFFh
1
64
10000h-1FFFFh
0
64
00000h-0FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com