Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29F040B45P3T Datasheet(PDF) 5 Page - STMicroelectronics

Part # M29F040B45P3T
Description  4 Mbit (512Kb x8, Uniform Block) Single Supply Flash Memory
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F040B45P3T Datasheet(HTML) 5 Page - STMicroelectronics

  M29F040B45P3T Datasheet HTML 1Page - STMicroelectronics M29F040B45P3T Datasheet HTML 2Page - STMicroelectronics M29F040B45P3T Datasheet HTML 3Page - STMicroelectronics M29F040B45P3T Datasheet HTML 4Page - STMicroelectronics M29F040B45P3T Datasheet HTML 5Page - STMicroelectronics M29F040B45P3T Datasheet HTML 6Page - STMicroelectronics M29F040B45P3T Datasheet HTML 7Page - STMicroelectronics M29F040B45P3T Datasheet HTML 8Page - STMicroelectronics M29F040B45P3T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5/21
M29F040B
Table 4. Bus Operations
Note: X = VIL or VIH.
Operation
E
G
W
Address Inputs
Data
Inputs/Outputs
Bus Read
VIL
VIL
VIH
Cell Address
Data Output
Bus Write
VIL
VIH
VIL
Command Address
Data Input
Output Disable
XVIH
VIH
XHi-Z
Standby
VIH
XX
X
Hi-Z
Read Manufacturer
Code
VIL
VIL
VIH
A0 = VIL, A1 = VIL, A9 = VID,
Others VIL or VIH
20h
Read Device Code
VIL
VIL
VIH
A0 = VIH, A1 = VIL, A9 = VID,
Others VIL or VIH
E2h
Automatic Standby. If CMOS levels (VCC ± 0.2V)
are used to drive the bus and the bus is inactive for
150ns or more the memory enters Automatic
Standby where the internal Supply Current is re-
duced to the CMOS Standby Supply Current, ICC3.
The Data Inputs/Outputs will still output data if a
Bus Read operation is in progress.
Special Bus Operations
Additional bus operations can be performed to
read the Electronic Signature and also to apply
and remove Block Protection. These bus opera-
tions are intended for use by programming equip-
ment and are not usually used in applications.
They require VID to be applied to some pins.
Electronic Signature. The
memory
has
two
codes, the manufacturer code and the device
code, that can be read to identify the memory.
These codes can be read by applying the signals
listed in Table 4, Bus Operations.
Block Protection and Blocks Unprotection. Each
block can be separately protected against acci-
dental Program or Erase. Protected blocks can be
unprotected to allow data to be changed. Block
Protection and Blocks Unprotection operations
must only be performed on programming equip-
ment. For further information refer to Application
Note AN1122, Applying Protection and Unprotec-
tion to M29 Series Flash.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com