Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGA2B2X5R1H331M050BA Datasheet(PDF) 13 Page - TDK Electronics

Part # CGA2B2X5R1H331M050BA
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CGA2B2X5R1H331M050BA Datasheet(HTML) 13 Page - TDK Electronics

Back Button CGA2B2X5R1H331M050BA Datasheet HTML 9Page - TDK Electronics CGA2B2X5R1H331M050BA Datasheet HTML 10Page - TDK Electronics CGA2B2X5R1H331M050BA Datasheet HTML 11Page - TDK Electronics CGA2B2X5R1H331M050BA Datasheet HTML 12Page - TDK Electronics CGA2B2X5R1H331M050BA Datasheet HTML 13Page - TDK Electronics CGA2B2X5R1H331M050BA Datasheet HTML 14Page - TDK Electronics CGA2B2X5R1H331M050BA Datasheet HTML 15Page - TDK Electronics CGA2B2X5R1H331M050BA Datasheet HTML 16Page - TDK Electronics CGA2B2X5R1H331M050BA Datasheet HTML 17Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
(13/23)
20210311 / mlcc_automotive_general_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MULTILAYER CERAMIC CHIP CAPACITORS
■ Gray items: These products are not recommended for new designs.
Click the part numbers for details.
Capacitance range table
Temperature characteristic: C0G (–55 to +125°C, 0±30ppm/°C)
Capacitance Dimensions
Thickness
(mm)
Capacitance
tolerance
Catalog number
Rated voltage Edc: 50V
Rated voltage Edc: 25V
56pF
0603
0.30±0.03
±5%
CGA1A2C0G1H560J030BA
CGA1A2C0G1E560J030BA
1005
0.50±0.05
±5%
CGA2B2C0G1H560J050BA
1608
0.80±0.10
±5%
CGA3E2C0G1H560J080AA
68pF
0603
0.30±0.03
±5%
CGA1A2C0G1H680J030BA
CGA1A2C0G1E680J030BA
1005
0.50±0.05
±5%
CGA2B2C0G1H680J050BA
1608
0.80±0.10
±5%
CGA3E2C0G1H680J080AA
82pF
0603
0.30±0.03
±5%
CGA1A2C0G1H820J030BA
CGA1A2C0G1E820J030BA
1005
0.50±0.05
±5%
CGA2B2C0G1H820J050BA
1608
0.80±0.10
±5%
CGA3E2C0G1H820J080AA
100pF
0603
0.30±0.03
±5%
CGA1A2C0G1H101J030BA
CGA1A2C0G1E101J030BA
1005
0.50±0.05
±5%
CGA2B2C0G1H101J050BA
1608
0.80±0.10
±5%
CGA3E2C0G1H101J080AA
120pF
1005
0.50±0.05
±5%
CGA2B2C0G1H121J050BA
1608
0.80±0.10
±5%
CGA3E2C0G1H121J080AA
150pF
1005
0.50±0.05
±5%
CGA2B2C0G1H151J050BA
1608
0.80±0.10
±5%
CGA3E2C0G1H151J080AA
180pF
1005
0.50±0.05
±5%
CGA2B2C0G1H181J050BA
1608
0.80±0.10
±5%
CGA3E2C0G1H181J080AA
220pF
1005
0.50±0.05
±5%
CGA2B2C0G1H221J050BA
1608
0.80±0.10
±5%
CGA3E2C0G1H221J080AA
270pF
1005
0.50±0.05
±5%
CGA2B2C0G1H271J050BA
1608
0.80±0.10
±5%
CGA3E2C0G1H271J080AA
330pF
1005
0.50±0.05
±5%
CGA2B2C0G1H331J050BA
1608
0.80±0.10
±5%
CGA3E2C0G1H331J080AA
390pF
1005
0.50±0.05
±5%
CGA2B2C0G1H391J050BA
1608
0.80±0.10
±5%
CGA3E2C0G1H391J080AA
470pF
1005
0.50±0.05
±5%
CGA2B2C0G1H471J050BA
1608
0.80±0.10
±5%
CGA3E2C0G1H471J080AA
560pF
1005
0.50±0.05
±5%
CGA2B2C0G1H561J050BA
1608
0.80±0.10
±5%
CGA3E2C0G1H561J080AA
680pF
1005
0.50±0.05
±5%
CGA2B2C0G1H681J050BA
1608
0.80±0.10
±5%
CGA3E2C0G1H681J080AA
820pF
1005
0.50±0.05
±5%
CGA2B2C0G1H821J050BA
1608
0.80±0.10
±5%
CGA3E2C0G1H821J080AA
1nF
1005
0.50±0.05
±5%
CGA2B2C0G1H102J050BA
1608
0.80±0.10
±5%
CGA3E2C0G1H102J080AA
2012
0.60±0.15
±5%
CGA4C2C0G1H102J060AA
1.2nF
1608
0.80±0.10
±5%
CGA3E2C0G1H122J080AA
2012
0.60±0.15
±5%
CGA4C2C0G1H122J060AA
1.5nF
1608
0.80±0.10
±5%
CGA3E2C0G1H152J080AA
2012
0.60±0.15
±5%
CGA4C2C0G1H152J060AA
1.8nF
1608
0.80±0.10
±5%
CGA3E2C0G1H182J080AA
2012
0.60±0.15
±5%
CGA4C2C0G1H182J060AA
2.2nF
1608
0.80±0.10
±5%
CGA3E2C0G1H222J080AA
2012
0.60±0.15
±5%
CGA4C2C0G1H222J060AA
2.7nF
1608
0.80±0.10
±5%
CGA3E2C0G1H272J080AA
2012
0.60±0.15
±5%
CGA4C2C0G1H272J060AA
3.3nF
1608
0.80±0.10
±5%
CGA3E2C0G1H332J080AA
2012
0.60±0.15
±5%
CGA4C2C0G1H332J060AA
3.9nF
1608
0.80±0.10
±5%
CGA3E2C0G1H392J080AA
2012
0.60±0.15
±5%
CGA4C2C0G1H392J060AA
4.7nF
1608
0.80±0.10
±5%
CGA3E2C0G1H472J080AA
2012
0.60±0.15
±5%
CGA4C2C0G1H472J060AA
3216
0.60±0.15
±5%
CGA5C2C0G1H472J060AA
5.6nF
1608
0.80±0.10
±5%
CGA3E2C0G1H562J080AA
2012
0.60±0.15
±5%
CGA4C2C0G1H562J060AA
3216
0.60±0.15
±5%
CGA5C2C0G1H562J060AA
6.8nF
1608
0.80±0.10
±5%
CGA3E2C0G1H682J080AA
2012
0.60±0.15
±5%
CGA4C2C0G1H682J060AA
3216
0.60±0.15
±5%
CGA5C2C0G1H682J060AA
8.2nF
1608
0.80±0.10
±5%
CGA3E2C0G1H822J080AA
2012
0.60±0.15
±5%
CGA4C2C0G1H822J060AA
3216
0.60±0.15
±5%
CGA5C2C0G1H822J060AA
10nF
1608
0.80±0.10
±5%
CGA3E2C0G1H103J080AA
2012
0.60±0.15
±5%
CGA4C2C0G1H103J060AA
3216
0.60±0.15
±5%
CGA5C2C0G1H103J060AA
15nF
2012
0.85±0.15
±5%
CGA4F2C0G1H153J085AA
3216
0.60±0.15
±5%
CGA5C2C0G1H153J060AA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com