Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGA2B2X5R1H331M050BA Datasheet(PDF) 4 Page - TDK Electronics

Part # CGA2B2X5R1H331M050BA
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CGA2B2X5R1H331M050BA Datasheet(HTML) 4 Page - TDK Electronics

  CGA2B2X5R1H331M050BA Datasheet HTML 1Page - TDK Electronics CGA2B2X5R1H331M050BA Datasheet HTML 2Page - TDK Electronics CGA2B2X5R1H331M050BA Datasheet HTML 3Page - TDK Electronics CGA2B2X5R1H331M050BA Datasheet HTML 4Page - TDK Electronics CGA2B2X5R1H331M050BA Datasheet HTML 5Page - TDK Electronics CGA2B2X5R1H331M050BA Datasheet HTML 6Page - TDK Electronics CGA2B2X5R1H331M050BA Datasheet HTML 7Page - TDK Electronics CGA2B2X5R1H331M050BA Datasheet HTML 8Page - TDK Electronics CGA2B2X5R1H331M050BA Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
(4/23)
20210311 / mlcc_automotive_general_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MULTILAYER CERAMIC CHIP CAPACITORS
■CATALOG NUMBER CONSTRUCTION
(1) Series
(2) Dimensions L x W (mm)
(3) Thickness code
(4) Voltage condition for life test
(5) Temperature characteristics
(6) Rated voltage (DC)
(7) Nominal capacitance (pF)
The capacitance is expressed in three digit codes and in units of
pico Farads (pF). The first and second digits identify the first and
second significant figures of the capacitance. The third digit identi-
fies the multiplier. R designates a decimal point.
(Example)0R5 = 0.5pF
101 = 100pF
225 = 2,200,000pF = 2.2µF
(8) Capacitance tolerance
(9) Thickness
(10) Packaging style
(11) Special reserved code
CGA
6
P
1
X7T
0G
107
M
250
A
C
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
(9)
(10)
(11)
Code
EIA
Length
Width
Terminal width
1
CC0201
0.60
0.30
0.10
2
CC0402
1.00
0.50
0.10
3
CC0603
1.60
0.80
0.20
4
CC0805
2.00
1.25
0.20
5
CC1206
3.20
1.60
0.20
6
CC1210
3.20
2.50
0.20
8
CC1812
4.50
3.20
0.20
9
CC2220
5.70
5.00
0.20
Code
Thickness
A0.30 mm
B0.50 mm
C0.60 mm
E0.80 mm
F0.85 mm
H1.15 mm
J1.25 mm
L1.60 mm
M2.00 mm
N2.30 mm
P2.50 mm
Q2.80 mm
R3.20 mm
Symbol
Condition
11 × R.V.
22 × R.V.
3
1.5 × R.V.
Temperature
characteristics
Temperature coefficient
or capacitance change
Temperature range
C0G
0±30 ppm/°C
–55 to +125°C
X5R
±15%
–55 to +85°C
X7R
±15%
–55 to +125°C
X7S
±22%
–55 to +125°C
X7T
+22,-33%
–55 to +125
℃
Code
Voltage (DC)
0E
2.5V
0G
4V
0J
6.3V
1A
10V
1C
16V
1E
25V
1V
35V
1H
50V
1N
75V
Code
Tolerance
C
±0.25pF
D
±0.50pF
J±5%
K
±10%
M
±20%
Code
Thickness
030
0.30 mm
050
0.50 mm
060
0.60 mm
080
0.80 mm
085
0.85 mm
115
1.15 mm
125
1.25 mm
160
1.60 mm
200
2.00 mm
230
2.30 mm
250
2.50 mm
280
2.80 mm
320
3.20 mm
Code
Style
A
178mm reel, 4mm pitch
B
178mm reel, 2mm pitch
K
178mm reel, 8mm pitch
Code
Description
A,B,C
TDK internal code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com