Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCL25 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # SCL25
Description  Single and dual output 25 Watt AC/DC external power supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SCL25 Datasheet(HTML) 1 Page - Artesyn Technologies

  SCL25 Datasheet HTML 1Page - Artesyn Technologies SCL25 Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OUTPUT SPECIFICATIONS
Line regulation
Single outputs
±0.5%
LL to HL, FL
Multi's: +5V output
±0.5%
Multi's: aux. outputs
±1.0%
Total regulation
Single outputs
±4.0%
No load to full load
Multi's: +5V output
+6.0%/-4.0%
(See Note 5)
Multi's: aux. outputs
+7%/-5%
Overshoot/Undershoot
At turn on
10%
Transient response
+5V output
±250mV max. dev.,
(40% FL to 60%
1ms recovery
full load step)
to 1.0%
Temperature coefficient
±0.02%/°C, max.
Overvoltage protection
+5V Output (See Note 8) 6.25V ±0.65V
Output power limit
Primary power limited
80W Pin max.
40W Pout min.
Short circuit protection
Continuous
with auto-restart
Green LED indicator
(See Note 6)
Normally ON
INPUT SPECIFICATIONS
Input voltage range
Universal input
90 to 264VAC
Input frequency range
47Hz to 63Hz
Input surge current
36A max.
Safety ground
110VAC, 60Hz
0.2mA
leakage current
230VAC, 50Hz
0.4mA
EMC CHARACTERISTICS
Radiated noise
EN55022, EN55011, FCC P15 Level B
Conducted noise
EN55022, EN55011, FCC P15 Level B
Electrostatic discharge
EN61000-4-2
Level 4
Electrostat. air discharge IEC801-2
Level 3
RF field susceptibility
IEC801-3
Level 2
Electrical fast
EN61000-4-4
Level 3
transients/bursts
Surge susceptibility
EN61000-4-5
Level 3
SCL25 SERIES
Single and dual output
[ 2 YEAR WARRANTY ]
• 6.32 x 3.35 x 1.5 inch enclosure
• 25W external power supply
• Molded UL94V-0 plastic enclosure
• Output connector options
• Stand alone ‘listed’ equipment
• Short circuit protection
• EN55022, EN55011 conducted emissions level B
• UL, CSA and VDE safety approvals
• Available RoHS compliant
The SCL25 series is a 25W universal input AC/DC external power supply in a 6.32 x
3.35 x 1.5 inch plastic enclosure. The SCL25 series has a single output and dual
output model in a low profile package providing a pre-approved external power
solution for a host of worldwide low power portable and desktop applications. The
SCL25 provides 25W of output power with free air convection cooling which can peak
at 30W for 60 seconds. Standard features include universal input, short circuit
protection and EN55022 conducted emissions level B. The series, with full
international safety approval and the CE mark, provides pre-approved SELV outputs
without the need for further safety approval or mechanical integration into the
application system. The SCL25 series is designed for use in low power, and desktop
data networking, computer and industrial applications requiring external power
adapters in a low profile package.
SPECIFICATION All specifications are typical at nominal input, full load at 25°C unless otherwise stated
PAGE 1
GENERAL SPECIFICATIONS
Hold-up time
110VAC
10ms
230VAC
60ms
Efficiency
110VAC and 230VAC
70% typical
Isolation voltage
Input/output
3000VAC
Input/chassis
1500VAC
Switching frequency
Variable
35kHz to 80kHz
Approvals and
VDE0805, EN60950
standards
IEC950, UL1950, BABT
CSA C22.2 No. 950
Case Material
General Electric Lexan, Black
Flammability rated
UL94V-0
Weight
450g (15.9oz)
MTBF
MIL-HDBK-217F
150,000 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating,
0°C to +40°C
full load, no derating
Non-operating
–40°C to +85°C
0°C to +40°C ambient,
25W
convection cooled
Peak (0°C to +40°C, max. 60s)
30W
(See Note 3)
Relative humidity
Non-condensing
5% to 95% RH
Altitude
Operating
10,000 feet max.
Non-operating
30,000 feet max.
Vibration
Three orthogonal axes
2.4G rms
(5Hz to 500Hz)
random vibration,
10 minute test for each axis


Similar Part No. - SCL25

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
SCL250-X PANDUIT-SCL250-X Datasheet
1Mb / 1P
SCL LONG BARREL 8 THRU 250 COPPER SPLICES
More results

Similar Description - SCL25

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
NFN25 ARTESYN-NFN25 Datasheet
44Kb / 2P
Dual and triple output 25 Watt AC/DC universal input switch mode power supplies
SSL20 ARTESYN-SSL20 Datasheet
79Kb / 2P
EXTERNAL AC/DC POWER SUPPLIES 15-20 W External AC/DC Power Supplies
SSL40 ARTESYN-SSL40 Datasheet
75Kb / 2P
EXTERNAL AC/DC POWER SUPPLIES 40 W External AC/DC Power Supplies
logo
Wall Industries,Inc.
PSS25 WALL-PSS25 Datasheet
158Kb / 3P
25 Watt Single Output AC/DC Power Supply
logo
Emerson Network Power
SSL20C EMERSON-NETWORKPOWER-SSL20C Datasheet
89Kb / 2P
EXTERNAL AC/DC POWER SUPPLIES 20 W External AC/DC Power Supplies
SSL40C EMERSON-NETWORKPOWER-SSL40C Datasheet
89Kb / 2P
EXTERNAL AC/DC POWER SUPPLIES 40 W External AC/DC Power Supplies
logo
HITRON ELECTRONICS CORP...
HES34 HITRON-HES34 Datasheet
144Kb / 2P
AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 25-36 WATTS SWITCHING POWER SUPPLIES
logo
Wall Industries,Inc.
DTIPU25 WALL-DTIPU25 Datasheet
203Kb / 3P
25 Watt Single Output AC/DC Desktop Power Supply
DTSPU25 WALL-DTSPU25 Datasheet
197Kb / 3P
25 Watt Single Output AC/DC Desktop Power Supply
logo
CINCON ELECTRONICS Corp...
CFM25S CINCON-CFM25S Datasheet
463Kb / 3P
25 WATT SINGLE OUTPUT AC-DC OPEN FRAME
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com