Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCL25 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # SCL25
Description  Single and dual output 25 Watt AC/DC external power supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SCL25 Datasheet(HTML) 2 Page - Artesyn Technologies

  SCL25 Datasheet HTML 1Page - Artesyn Technologies SCL25 Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OUTPUT
OUTPUT CURRENTS
RIPPLE (4)
TOTAL
MODEL NUMBER
(9)
VOLTAGE
MIN (1)
MAX (2)
PEAK (3)
REGULATION (5)
+5V (1)
0A
2.5A
4.0A
50mV
+6.0%, –4.0%
SCL25-7618J
+12V (2)
0A
1.0A
2.0A
120mV
+7.0%, –5.0%
+24V (1)
0A
1.0A
1.3A
240mV
±4.0%
SCL25-7624J
Notes
1
Although the SCL25 models will operate with no load on the outputs,
some components temperatures increase under this condition. To
maximize reliability, a minimum total load of 4W is required.
2
Natural convection cooling, 25W maximum.
3
Peak output current lasting less than 60 seconds with duty cycle less than
5%. During peak loading, output voltage may exceed total regulation limits.
4
50MHz bandwidth, peak to peak, measured differentially.
5
Total regulation is defined as the static output regulation at 25°C, including
initial tolerance, line voltage within stated limits, load currents within stated
limits, and output voltages adjusted to their factory settings.
For the dual output model to maintain stated regulation:
0.25 ≤ I(1) ≤ 5, for I(1) > 0.3A
I(2)
0.50 ≤ I(1) ≤ 5, for I(1) < 0.3A
I(2)
6
The green LED is ON to indicate the presence of output (1). The LED turns
off during output short circuit condition.
7
To help maintain the power supply safety approvals, the IEC320/C13 input
connector cable must be rated minimum 3.0A and approved by an
applicable safety agency for the intended country of use. National and
international variations on mains plugs, adapters and customer preference
to lead length prevents Artesyn from supplying an IEC320/C13 (or
compatible) input connector cable. The IEC320/C13 input (or compatible)
connector cable can be sourced locally, e.g. Qual Electronics, Radio
Shack, etc. or other non affiliated distributors.
8
Overvoltage protection is standard on the -7624J model and 5V output
(single and multiple output) models.
9
The ‘J’ suffix indicates that these parts are Pb-free (RoHS 6/6) compliant.
TSE RoHS 5/6 (non Pb-free) compliant versions may be available on
special request, please contact your local sales representative for details.
MINI
DIN
PLUG
A
A
UNITS: INCHES (mm)
MINI DIN PLUG
51.2 REF
(1300.00
± 15)
1
3
2
5
6
4
7
8
VIEW A-A
6.32 REF
(160.00
)
+0.3
- 0.0
G
N
L
J301
ø 0.353 (8.97)
ø 0.353 (8.97)
LED
(SEE NOTE 6)
51.2 REF
(1300.00
±15)
International Safety Standard Approvals
VDE0805/EN60950/IEC950 File No. 10401-3336-1083
Licence No. 1083
UL1950 File No. E136005
CSA C22.2 No. 950 File No. LR41062
Certification pending
geprüfte
Sicherhelt
25 Watt AC/DC external power supplies
EXTERNAL AC/DC POWER SUPPLIES
|
25W AC/DC
PAGE 2
http://www.artesyn.com
Datasheet © Artesyn Technologies® 2006
The information and specifications contained in this datasheet are believed to be correct at time
of publication. However, Artesyn Technologies accepts no responsibility for consequences
arising from printing errors or inaccuracies.
Specifications are subject to change without
notice. No rights under any patent accompany the sale of any such product(s) or information
contained herein.
AMP Shielded
Miniature circular
DIN Plug 8 Pin P/N
749179-1 or equivalent
PIN CONNECTIONS MINI DIN PLUG
OUTPUT
SINGLE
DUAL
MATING CONNECTOR
PIN NO.
OUTPUT
OUTPUT
1VA
VA
2VA
VA
3VA
VA
4VA
VB
5
Return
Return
6
Return
Return
7
Return
Return
8
Return
Return



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com