Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMT12F Datasheet(PDF) 1 Page - Artesyn Technologies

Part # SMT12F
Description  DC-DC CONVERTERS F Class Non-isolated
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SMT12F Datasheet(HTML) 1 Page - Artesyn Technologies

  SMT12F Datasheet HTML 1Page - Artesyn Technologies SMT12F Datasheet HTML 2Page - Artesyn Technologies SMT12F Datasheet HTML 3Page - Artesyn Technologies SMT12F Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DC-DC CONVERTERS
F Class Non-isolated
1
NEW Product
File Name: smt12f_05.pdf Rev (03): 16 Dec 2005
2 YEAR WARRANTY
All specifications are typical at nominal input, full load at 25 °C unless otherwise stated.
External output capacitance required (See Note 4)
SPECIFICATIONS
The SMT12F series is a new range of ultra-compact non-isolated point-of-load converters for
space-critical applications. The new SMT12F Typhoon™ family surface-mount converter has a
footprint of just 13.5 x 16 mm - and unlike competitive products on the market, requires only
the addition of a small number of ceramic output capacitors to realise a complete high-
performance point-of-load (POL) solution. The SMT12F is primarily intended for use on very
densely packed, high functionality boards and for powering advanced silicon including network
and communication processors, DSPs, FPGAs and ASICs. A key advantage of the SMT12F is
that it only needs the addition of five 22 µF ceramic output capacitors to provide a complete
full-specification, high efficiency POL solution with transient response capabilities that extend
up to 300 A/µs. The total board space required for the module and capacitors is a mere 300
mm2, facilitating easy co-location with the load.
• Designed to meet ultra fast transient requirements
up to 300 A/µs step load transients
• 12 A current rating
• Input voltage range: 2.97 Vdc to 5.5 Vdc
• Output voltage range: 0.9 Vdc to 3.3 Vdc
• Extremely low internal power dissipation
• Minimal thermal design concerns
• Ideal solution where board space is at a premium
or tighter card pitch is required
• Available RoHS compliant
SMT12F Series
3.3 Vin and 5 Vin single output
OUTPUT SPECIFICATIONS
Voltage adjustability
5.0 Vin
0.9-3.3 Vdc
Wide trim (See Note 6)
3.3 Vin
0.9-2.6 Vdc
Setpoint accuracy
±0.5% typ.
Line regulation
±1.0% typ.
Load regulation
±1.0% typ.
Total error band
±3.0% typ.
Minimum load
0 A
Overshoot/undershoot
None
Ripple and noise
5 Hz to 20 MHz
40 mV pk-pk
(See Note 5)
25 mV rms
Temperature co-efficient
±0.01%/ºC
Transient response
di/dt 300 A/µs
12 A load step
(Vout = 3.3 V)
100 mV deviation
<15 µs settling time to
within ±1.0%
Remote sense
10% Vo compensation
INPUT SPECIFICATIONS
Input voltage range
5 Vin
3.0-5.5 Vdc
(See Note 6)
3.3 Vin
2.97-3.63 Vdc
Input current
No load
100 mA
Input current (max.)
8.5 A max. @ Io max.
and Vout = 3.3 V
Input reflected ripple
100 mA rms
Remote ON/OFF
(See Note 1)
Start-up time
15 ms
EMC CHARACTERISTICS
Electrostatic discharge
EN61000-4-2, IEC801-2
Conducted immunity
EN61000-4-6
Radiated immunity
EN61000-4-3
GENERAL SPECIFICATIONS
Efficiency
5 Vin
95% typ.
3.3 Vin
92% typ.
Insulation voltage
Non-isolated
Switching frequency
600 kHz
Approvals and
EN60950
standards
UL/cUL60950
Material flammability
UL94V-0
Dimensions
(LxWxH)
16.00 x 13.46 x 7.93 mm
0.63 x 0.52 x 0.31 inches
Weight
3 g (0.11 oz)
Coplanarity
100 µm
MTBF
Telcordia SR-332
10,000,000 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient,
-40 ºC to +85 ºC
(See Note 2)
temperature
Non-operating
-40 ºC to +125 ºC
PROTECTION
Short-circuit
Continuous
Thermal
Automatic recovery


Similar Part No. - SMT12F

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
SMT12F EMERSON-NETWORKPOWER-SMT12F Datasheet
438Kb / 5P
new range of ultra-compact non-isolated point-of-load converters
SMT12F-03W2V6J EMERSON-NETWORKPOWER-SMT12F-03W2V6J Datasheet
438Kb / 5P
new range of ultra-compact non-isolated point-of-load converters
logo
Artesyn Technologies
SMT12F-03W2V6J ARTESYN-SMT12F-03W2V6J Datasheet
443Kb / 5P
3.3 Vin and 5 Vin single output
logo
Emerson Network Power
SMT12F-05W3V3J EMERSON-NETWORKPOWER-SMT12F-05W3V3J Datasheet
438Kb / 5P
new range of ultra-compact non-isolated point-of-load converters
logo
Artesyn Technologies
SMT12F-05W3V3J ARTESYN-SMT12F-05W3V3J Datasheet
443Kb / 5P
3.3 Vin and 5 Vin single output
More results

Similar Description - SMT12F

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL06C ARTESYN-SIL06C Datasheet
102Kb / 3P
DC/DC CONVERTERS C Class Non-isolated
SIL20C2 ARTESYN-SIL20C2 Datasheet
793Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SMT15C ARTESYN-SMT15C Datasheet
182Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
logo
Emerson Network Power
SIL05E EMERSON-NETWORKPOWER-SIL05E Datasheet
164Kb / 3P
DC-DC CONVERTERS E Class Non-isolated
SIL06C EMERSON-NETWORKPOWER-SIL06C Datasheet
195Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SIL10E EMERSON-NETWORKPOWER-SIL10E Datasheet
189Kb / 3P
DC-DC CONVERTERS E Class Non-isolated
SIL15E EMERSON-NETWORKPOWER-SIL15E Datasheet
92Kb / 3P
DC/DC CONVERTERS E Class Non-isolated
SIL20C2 EMERSON-NETWORKPOWER-SIL20C2 Datasheet
793Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SMT20C2 EMERSON-NETWORKPOWER-SMT20C2 Datasheet
278Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SMT30C EMERSON-NETWORKPOWER-SMT30C Datasheet
184Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com