Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMT12F Datasheet(PDF) 2 Page - Artesyn Technologies

Part # SMT12F
Description  DC-DC CONVERTERS F Class Non-isolated
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SMT12F Datasheet(HTML) 2 Page - Artesyn Technologies

  SMT12F Datasheet HTML 1Page - Artesyn Technologies SMT12F Datasheet HTML 2Page - Artesyn Technologies SMT12F Datasheet HTML 3Page - Artesyn Technologies SMT12F Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
File Name: smt12f_05.pdf Rev (03): 16 Dec 2005
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
DC-DC CONVERTERS
F Class Non-isolated
2
NEW Product
N
No
otte
es
s
1
The SMT12F features an ‘Active Low’ Remote ON/OFF operation. If you
are not using the Remote ON/OFF pin, leave the pin open (the converter
will be on). The Remote ON/OFF pin is referenced to ground.
The following conditions apply for the SMT12F:
Configuration
Converter Operation
Remote pin open circuit
Unit is ON
Remote pin pulled low
Unit is ON
Remote pin pulled high
Unit is OFF
An ‘Active High’ Remote ON/OFF version is also possible with this
converter. To order please place the suffix ‘R’ towards the end of the part
number, e.g. SMT12F-05W3V3RJ.
2
See Figures 1 and 2 for sample derating curves. For the full set of
derating curves see Application Note 165.
SMT12F-05W3V3J
Part Number System with Options
Product Family
SMT = Surface Mount
Rated Output Current
12 = 12 Amps
Input Voltage
03 = 2.97 Vdc to 3.63 Vdc
05 = 3.0 Vdc to 5.5 Vdc
Type of Output
S = Single Fixed
W = Wide
Performance
F = Enhanced/Fast Transient
The ultra-wide output voltage trim range offers major advantages to users who select the
SMT12F. It is no longer necessary to purchase a variety of modules in order to cover
different output voltages. The output voltage can be trimmed in a range of 0.9 Vdc to
2.6 Vdc or 0.9 Vdc to 3.3 Vdc. When the SMT12F-05W3V3J converter leaves the factory
the output has been adjusted to the default voltage of 3.3 V. When the SMT12F-03W2V6J
converter leaves the factory the output has been adjusted to the default voltage of 2.6 V.
O
Ou
uttp
pu
utt V
Vo
olltta
ag
ge
e A
Ad
djju
us
sttm
me
en
ntt o
off tth
he
e S
SM
MT
T1
12
2F
F S
Se
erriie
es
s
International Safety Standard Approvals
UL/cUL CAN/CSA 22.2 No. E174104
UL 60950 File No. E174104
TÜV Product Service (EN60950) Certificate No. B 04 04 38572 041.
CB Report and Certificate to IEC60950 DE3-52484
3
A 22 µF ceramic input capacitor may be required for test purposes only.
See Application Note 165 for further details.
4
An external output capacitor is required for basic operation. Required
capacitance is a minimum of 110 µF to meet the performance
parameters. This can be made up of any combination of 22 µF or 44 µF
multi-layer ceramic capacitors in the appropriate voltage rating.
5
Ripple and Noise is worst case measurement. Typical value is 26 mV pk-
pk.
6
When Vin <4.5 V, Vout max = 2.5 V for model SMT12F-03W2V6.
7
TSE RoHS 5/6 (non Pb-free) compliant versions may be available on
special request, please contact your local sales representative for details.
8
NOTICE: Some models do not support all options. Please contact your
local Artesyn representative or use the on-line model number search tool
at http://www.artesyn.com/powergroup/products.htm to find a suitable
alternative.
Vin
Vout
Unit
4.5-5.5 Vdc
0.9-3.3 Vdc
05W3V3J
< 4.5 Vdc
0.9-2.0 Vdc
05W3V3J
2.97-3.63 Vdc 0.9-2.6 Vdc
03W2V6J
SMT12F Series
3.3 Vin and 5 Vin single output
OUTPUT
INPUT
OUTPUT
OUTPUT
OUTPUT
EFFICIENCY
REGULATION
MODEL
POWER
VOLTAGE
VOLTAGE
CURRENT
CURRENT
(TYP.)
LINE
LOAD
NUMBER
(7, 8)
(MAX.)
(MIN.)
(MAX.)
31.2 W
2.97-3.63 Vdc
0.9-2.6 Vdc
0 A
12 A
92%
±1.0%
±1.0%
SMT12F-03W2V6J
39.6 W
3.0-5.5 Vdc
0.9-3.3 Vdc
0 A
12 A
95%
±1.0%
±1.0%
SMT12F-05W3V3J
Output Voltage
2V6 = 0.9 Vdc to 2.6 Vdc
3V3 = 0.9 Vdc to 3.3 Vdc
Packaging Options
s (7)
J = Pb-free (RoHS 6/6 compliant)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com