Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C31026 Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # AS7C31026
Description  5V / 3.3V 64KX16 CMOS SRAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C31026 Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  AS7C31026 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C31026 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C31026 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C31026 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C31026 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C31026 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C31026 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C31026 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C31026 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
®
AS7C1026
AS7C31026
3/23/01; v.1.0
Alliance Semiconductor
P. 3 of 10
Key:
H = High, L = Low, X = don’t care.
Recommended operating conditions
† V
IL min = –3.0V for pulse width less than tRC/2.
DC operating characteristics (over the operating range)1
Shaded areas indicate preliminary information.
Capacitance (f = 1MHz, Ta = 25 °C, VCC = NOMINAL)
2
LL
X
H
L
High Z
DIN
Write I/O8–I/O15 (ICC)
L
L
H
X
H
X
X
H
X
H
High Z
High Z
Output disable (ICC)
Parameter
Device
Symbol
Min
Typ
Max
Unit
Supply voltage
AS7C1026
VCC
4.5
5.0
5.5
V
AS7C31026 (–10)
VCC
3.15
3.3
3.6
V
AS7C31026 (12/15/20)
VCC
3.0
3.3
3.6
V
Input voltage
AS7C1026
VIH
2.2
–
VCC + 0.5
V
AS7C31026
VIH
2.0
–
VCC + 0.5
V
VIL
–0.5†
–0.8
V
Ambient operating temperature
commercial
TA
0–
70
°C
industrial
TA
–40
–
85
°C
Parameter
Sym
Test conditions
Device
-12
-15
-20
Unit
Min
Max
Min
Max
Min
Max
Input leakage
current
| I
LI |
VCC = Max
VIN = GND to VCC
–1
–
1
–
1
µA
Output leakage
current
| I
LO |
VCC = Max
CE = VIH,
VOUT = GND to VCC
–1
–
1
–
1
µA
Operating power
supply current
ICC
VCC = Max, CE ≤ VIL
outputs open,
f = fMax = 1/tRC
AS7C1026
–
160
–
150
–
140
mA
AS7C31026
–
110
–
100
–
90
mA
Standby
power supply
current
ISB
VCC = Max, CE ≤ VIL,
outputs open,
f = fMax = 1/tRC
AS7C1026
–
50
–
50
–
50
mA
AS7C31026
–
35
–
35
–
35
ISB1
VCC = Max, CE ≥ VCC–0.2V,
VIN ≤ GND + 0.2V or
VIN ≥ VCC–0.2V, f = 0
AS7C1026
–
10
–
10
–
15
mA
AS7C31026
–
10
–
10
–
15
Output
voltage
VOL
IOL = 8 mA, VCC = Min
–
0.4
–
0.4
–
0.4
V
VOH
IOH = –4 mA, VCC = Min
2.4
–
2.4
–
2.4
–
V
Parameter
Symbol
Signals
Test conditions
Max
Unit
Input capacitance
CIN
A, CE, WE, OE, LB, UB
VIN = 0V
5
pF
I/O capacitance
CI/O
I/O
VIN = VOUT = 0V
7
pF
CE
WE
OE
LB
UB
I/O0–I/O7
I/O8–I/O15
Mode



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com