Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C31026 Datasheet(PDF) 9 Page - Alliance Semiconductor Corporation

Part # AS7C31026
Description  5V / 3.3V 64KX16 CMOS SRAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C31026 Datasheet(HTML) 9 Page - Alliance Semiconductor Corporation

Back Button AS7C31026 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C31026 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C31026 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C31026 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C31026 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C31026 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C31026 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C31026 Datasheet HTML 9Page - Alliance Semiconductor Corporation AS7C31026 Datasheet HTML 10Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
®
AS7C1026
AS7C31026
3/23/01; v.1.0
Alliance Semiconductor
P. 9 of 10
Notes
1
Bump counts: 48 (8 row x 6 column).
2
Pitch: (x,y) = 0.75 mm x 0.75 mm (typ).
3
Units: millimeters.
4
All tolerance are +/- 0.050 unless otherwise
specified.
5
Typ: typical.
6
Y is coplanarity: 0.08 (max).
Minimum
Typical
Maximum
A–
0.75
–
B
5.90
8.00
8.10
B1
–
3.75
–
C
7.90
8.00
8.10
C1
–
5.25
–
D–
0.35
–
E–
–
1.20
E1
–
0.68
–
E2
0.22
0.25
0.27
Y–
–
0.08
48-ball FBGA
Bottom View
65
4
3
2
1
Ball A1
C1
A
B
C
D
F
G
H
J
A
B1
Side View
Top View
Ball #A1 index
C
SRAM DIE
Elastomer
B
Detail View
A
Y
Die
0.3/T
µp
E2
E
Die
D
E1
E2
E



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com