Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMT30C Datasheet(PDF) 1 Page - Artesyn Technologies

Part # SMT30C
Description  DC-DC CONVERTERS C Class Non-isolated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SMT30C Datasheet(HTML) 1 Page - Artesyn Technologies

  SMT30C Datasheet HTML 1Page - Artesyn Technologies SMT30C Datasheet HTML 2Page - Artesyn Technologies SMT30C Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DC-DC CONVERTERS
C Class Non-isolated
1
SMT30C Series
12 Vin single output
NEW Product
File Name: smt30c.pdf Rev (04): 16 Dec 2005
2 YEAR WARRANTY
• 30 A current rating
• Input voltage range: 10.2 Vdc - 13.8 Vdc
• Output voltage range: 0.9 Vdc - 5.0 Vdc
• Industry leading value
• Cost optimized design
• Excellent transient response
• Output voltage adjustability
• Pathway for future upgrades
• Supports silicon voltage migration
• Resulting in reduced design-in and qualification time
• Designed in reliability: MTBF of > 4 million hours
per Telcordia SR-332
• Available RoHS compliant
The SMT30C series is a new high density open-frame, non-isolated converter for space
sensitive applications. SMT30C has a wide input range of 10.2 Vdc to 13.8 Vdc and offers a
wide 0.9 Vdc to 5.0 Vdc output voltage range with a 30 A load. An external resistor adjusts the
output voltage from its pre-set value of 0.9 V to any value up to the 5 V maximum. Typical
efficiency is 91%. The series offers remote ON/OFF and over-current protection as standard.
With full international safety approvals including EN60950 and Ul/cUL60950, the SMT30C
reduces compliance costs and time to market.
All specifications are typical at nominal input Vin = 12 V, full load at 25 °C unless otherwise stated
SPECIFICATIONS
OUTPUT SPECIFICATIONS
Voltage adjustability
(See Note 1)
0.9-5.0 Vdc
Output setpoint accuracy 1.0% trim resistors
±3%
Line regulation
Low line to high line
±0.2% max.
Load regulation
Full load to min. load
±1.0% max.
Min/max load
0 A/30 A
Overshoot
At turn-on
1.0% max.
Undershoot
At turn-off
100 mV max.
Ripple and noise
(See Note 2)
50 mV pk-pk
5 Hz to 20 MHz
15 mV rms
Transient response
75 mV max. deviation
(See Note 3)
150 µs recovery to
within regulation band
Current share
Full load
±10%
INPUT SPECIFICATIONS
Input voltage range
Nominal 12 V
10.2-13.8 Vdc
Input current
Minimum load
230 mA
Remote OFF
30 mA
Input current (max.)
(See Note 4)
13.8 A max. @ Io max.
and Vin = 10.8 V
Input reflected ripple
(See Note 2)
150 mA (pk-pk)
Remote ON/OFF
Logic compatibility
Positive logic
ON
>2.4 Vdc
OFF
<0.8 Vdc
Start-up time
Power-up
<30 ms
(See Note 5)
Remote ON/OFF
<30 ms
INPUT SPECIFICATIONS (CONTD.)
Turn ON threshold
9.0 Vdc typ.
Turn OFF threshold
7.6 Vdc typ.
GENERAL SPECIFICATIONS
Efficiency
91% typ.
Switching frequency
Fixed
300 kHz typ.
Approvals and
(See Note 7)
TÜV Product Services
standards
IEC60950, UL/cUL60950
Material flammability
UL94V-0
Weight
28.3 g (1 oz)
Coplanarity
150 µm
MTBF
Telcordia SR-332
4,456,655 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient,
0 ºC to +80 ºC
(See Note 8)
temperature
Non-operating
-40 ºC to +125 ºC
PROTECTION
Short-circuit
Foldback, non-latching
Over-temperature
Hiccup, non-latching
RECOMMENDED SYSTEM CAPACITANCE
Input capacitance
(See Note 9)
270 µF/20 m
Ω ESR max.
Output capacitance
(See Note 9) 2 x 680 µF/10 m
Ω ESR max.


Similar Part No. - SMT30C

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
SMT30C EMERSON-NETWORKPOWER-SMT30C Datasheet
184Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
logo
Advanced Energy Industr...
SMT30C ADVANCEDENERGY-SMT30C Datasheet
375Kb / 6P
C-Class Non-Isolated
logo
Emerson Network Power
SMT30C-12SADJJ EMERSON-NETWORKPOWER-SMT30C-12SADJJ Datasheet
184Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
logo
Artesyn Technologies
SMT30C-12SADJJ ARTESYN-SMT30C-12SADJJ_15 Datasheet
553Kb / 3P
POWER C-Class Non-Isolated
SMT30C2-00SADJ-HJ ARTESYN-SMT30C2-00SADJ-HJ Datasheet
606Kb / 4P
4.5-13.8 Vin Single Output DC-DC CONVERTERS C Class Non-isolated
More results

Similar Description - SMT30C

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL06C ARTESYN-SIL06C Datasheet
102Kb / 3P
DC/DC CONVERTERS C Class Non-isolated
SIL20C2 ARTESYN-SIL20C2 Datasheet
793Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SMT15C ARTESYN-SMT15C Datasheet
182Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SMT20C ARTESYN-SMT20C Datasheet
188Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
logo
Emerson Network Power
SIL06C EMERSON-NETWORKPOWER-SIL06C Datasheet
195Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SIL15C EMERSON-NETWORKPOWER-SIL15C Datasheet
204Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SIL20C2 EMERSON-NETWORKPOWER-SIL20C2 Datasheet
793Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SIL30C EMERSON-NETWORKPOWER-SIL30C Datasheet
216Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SMT20C2 EMERSON-NETWORKPOWER-SMT20C2 Datasheet
278Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SMT30C EMERSON-NETWORKPOWER-SMT30C Datasheet
184Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com