Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMT30C Datasheet(PDF) 2 Page - Artesyn Technologies

Part # SMT30C
Description  DC-DC CONVERTERS C Class Non-isolated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SMT30C Datasheet(HTML) 2 Page - Artesyn Technologies

  SMT30C Datasheet HTML 1Page - Artesyn Technologies SMT30C Datasheet HTML 2Page - Artesyn Technologies SMT30C Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
SMT30C Series
12 Vin single output
DC-DC CONVERTERS
C Class Non-isolated
2
NEW Product
OUTPUT
INPUT
OUTPUT
OUTPUT
OUTPUT
EFFICIENCY
REGULATION
MODEL
POWER
VOLTAGE
VOLTAGE
CURRENT
CURRENT
(TYP.)
LINE
LOAD
NUMBER
(11,12)
(MAX.)
(MIN.)
(MAX.)
150 W
10.2-13.8 Vdc
0.9-5.0 Vdc
0 A
30 A
91%
±0.2%
±1.0%
SMT30C-12SADJJ
File Name: smt30c.pdf Rev (04): 16 Dec 2005
N
No
otte
es
s
1
Uses external resistor from TRIM to ground. See Application Note 170
for details.
2
Measured with external filter. See Application Note 170 for details.
3
di/dt = 10 A/µs, Vin = Nom, Tc = 25 ºC, load change = 0.50 lo max. to
0.75 lo max, and vice versa.
4
External input fusing recommended.
5
Power up is the time from application of dc input to POWER GOOD high.
Remote ON/OFF asserted high to POWER GOOD high.
6
Signal line assumed <3 m in length.
7
This product is only for inclusion by professional installers within other
equipment and must not be operated as a stand alone product.
8
See Application Note 170 for operation above 50 ºC.
9
See Application Note 170 for more details.
10 For redundant current sharing applications that use ORing diodes to
separate the outputs, please add the suffix ‘-S’ to the part number, e.g.
SMT30C-12SADJ-SJ. Please refer to Application Note 170 for further
details.
11 TSE RoHS 5/6 (non Pb-free) compliant versions may be available on
special request, please contact your local sales representative for details.
12 NOTICE: Some models do not support all options. Please contact your
local Artesyn representative or use the on-line model number search tool
at http://www.artesyn.com/powergroup/products.htm to find a suitable
alternative.
International Safety Standard Approvals
UL/cUL CAN/CSA 22.2 No. 60950
UL 60950 File No. E139421
TÜV Product Service (EN60950:2000)
Certificate No. B 04 08 19870 228
CB report and certificate to IEC60950-US/6415C/UL
SMT30C-12SADJJ
Part Number System with Options
Number of Outputs
SADJ = Single Adjustable Output
Product Family
SMT = Surface Mount
Performance
C = Cost Optimized
Packaging Options (11)
J = Pb-free (RoHS 6/6 compliant)
Rated Output Current
30 = 30 A
Input Voltage
12 = 10.2 Vdc to 13.8 Vdc
The ultra-wide output voltage trim range offers major advantages to users who
select the SMT30C. It is no longer necessary to purchase a variety of modules
in order to cover different output voltages. The output voltage can be trimmed
in a range of 0.9 Vdc to 5.0 Vdc. When the SMT30C converter leaves the
factory the output has been adjusted to the default voltage of 0.9 V.
O
Ou
uttp
pu
utt V
Vo
olltta
ag
ge
e A
Ad
djju
us
sttm
me
en
ntt o
off tth
he
e S
SM
MT
T3
30
0C
C S
Se
erriie
es
s



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com