Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2931ACT Datasheet(PDF) 3 Page - Motorola, Inc

Part # LM2931ACT
Description  Low Dropout Voltage Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

LM2931ACT Datasheet(HTML) 3 Page - Motorola, Inc

  LM2931ACT Datasheet HTML 1Page - Motorola, Inc LM2931ACT Datasheet HTML 2Page - Motorola, Inc LM2931ACT Datasheet HTML 3Page - Motorola, Inc LM2931ACT Datasheet HTML 4Page - Motorola, Inc LM2931ACT Datasheet HTML 5Page - Motorola, Inc LM2931ACT Datasheet HTML 6Page - Motorola, Inc LM2931ACT Datasheet HTML 7Page - Motorola, Inc LM2931ACT Datasheet HTML 8Page - Motorola, Inc LM2931ACT Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LM2931 Series
3
MOTOROLA ANALOG IC DEVICE DATA
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Voltage Continuous
VI
40
Vdc
Transient Input Voltage (
τ ≤ 100 ms)
VI(τ)
60
Vpk
Transient Reverse Polarity Input Voltage
–VI(τ)
–50–
Vpk
1.0% Duty Cycle,
τ ≤ 100 ms
Power Dissipation
Case 29 (TO–92 Type)
TA = 25°C
PD
Internally Limited
W
Thermal Resistance, Junction–to–Ambient
R
θJA
178
°C/W
Thermal Resistance, Junction–to–Case
R
θJC
83
°C/W
Case 221A, 314A, 314B and 314D (TO–220 Type)
TA = 25°C
PD
Internally Limited
W
Thermal Resistance, Junction–to–Ambient
R
θJA
65
°C/W
Thermal Resistance, Junction–to–Case
R
θJC
5.0
°C/W
Case 369 and 369A (DPAK) [Note 1]
TA = 25°C
PD
Internally Limited
W
Thermal Resistance, Junction–to–Ambient
R
θJA
92
°C/W
Thermal Resistance, Junction–to–Case
R
θJC
6.0
°C/W
Case 751 (SOP–8) [Note 2]
TA = 25°C
PD
Internally Limited
W
Thermal Resistance, Junction–to–Ambient
R
θJA
160
°C/W
Thermal Resistance, Junction–to–Case
R
θJC
25
°C/W
Case 936 and 936A (D2PAK) [Note 3]
TA = 25°C
PD
Internally Limited
W
Thermal Resistance, Junction–to–Ambient
R
θJA
70
°C/W
Thermal Resistance, Junction–to–Case
R
θJC
5.0
°C/W
Tested Operating Junction Temperature Range
TJ
– 40 to +125
°C
Storage Temperature Range
Tstg
– 65 to +150
°C
NOTES: 1. DPAK Junction–to–Ambient Thermal Resistance is for vertical mounting. Refer to Figure 24 for
board mounted Thermal Resistance.
2. SOP–8 Junction–to–Ambient Thermal Resistance is for minimum recommended pad size. Refer
to Figure 23 for Thermal Resistance variation versus pad size.
3. D2PAK Junction–to–Ambient Thermal Resistance is for vertical mounting. Refer to Figure 25 for
board mounted Thermal Resistance.
4. ESD data available upon request.
ELECTRICAL CHARACTERISTICS (Vin = 14 V, IO = 10 mA, CO = 100 µF, CO(ESR) = 0.3 Ω, TJ = 25°C [Note 1].)
Ch
i i
Sb l
LM2931–5.0
LM2931A–5.0
Ui
Characteristic
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
FIXED OUTPUT
Output Voltage
VO
V
Vin = 14 V, IO = 10 mA, TJ = 25°C
4.75
5.0
5.25
4.81
5.0
5.19
Vin = 6.0 V to 26 V, IO ≤ 100 mA, TJ = – 40° to +125°C
4.50
–
5.50
4.75
–
5.25
Line Regulation
Regline
mV
Vin = 9.0 V to 16 V
–
2.0
10
–
2.0
10
Vin = 6.0 V to 26 V
–
4.0
30
–
4.0
30
Load Regulation (IO = 5.0 mA to 100 mA)
Regload
–
14
50
–
14
50
mV
Output Impedance
ZO
m
Ω
IO = 10 mA, ∆IO = 1.0 mA, f = 100 Hz to 10 kHz
–
200
–
–
200
–
Bias Current
IB
mA
Vin = 14 V, IO = 100 mA, TJ = 25°C
–
5.8
30
–
5.8
30
Vin = 6.0 V to 26 V, IO = 10 mA, TJ = – 40° to +125°C
–
0.4
1.0
–
0.4
1.0
Output Noise Voltage (f = 10 Hz to 100 kHz)
Vn
–
700
–
–
700
–
µVrms
Long Term Stability
S
–
20
–
–
20
–
mV/kHR
NOTES: 1. Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient as possible.
2. The reference voltage on the adjustable device is measured from the output to the adjust pin across R1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com