Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2931ACT Datasheet(PDF) 4 Page - Motorola, Inc

Part # LM2931ACT
Description  Low Dropout Voltage Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

LM2931ACT Datasheet(HTML) 4 Page - Motorola, Inc

  LM2931ACT Datasheet HTML 1Page - Motorola, Inc LM2931ACT Datasheet HTML 2Page - Motorola, Inc LM2931ACT Datasheet HTML 3Page - Motorola, Inc LM2931ACT Datasheet HTML 4Page - Motorola, Inc LM2931ACT Datasheet HTML 5Page - Motorola, Inc LM2931ACT Datasheet HTML 6Page - Motorola, Inc LM2931ACT Datasheet HTML 7Page - Motorola, Inc LM2931ACT Datasheet HTML 8Page - Motorola, Inc LM2931ACT Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LM2931 Series
4
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (Vin = 14 V, IO = 10 mA, CO = 100 µF, CO(ESR) = 0.3 Ω, TJ = 25°C [Note 1].)
Ch
i i
Sb l
LM2931–5.0
LM2931A–5.0
Ui
Characteristic
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
FIXED OUTPUT
Ripple Rejection (f = 120 Hz)
RR
60
90
–
60
90
–
dB
Dropout Voltage
VI–VO
V
IO = 10 mA
–
0.015
0.2
–
0.015
0.2
IO = 100 mA
–
0.16
0.6
–
0.16
0.6
Over–Voltage Shutdown Threshold
Vth(OV)
26
29.5
40
26
29.5
40
V
Output Voltage with Reverse Polarity Input (Vin = –15 V)
–VO
– 0.3
0
–
– 0.3
0
–
V
ELECTRICAL CHARACTERISTICS (Vin = 14 V, IO = 10 mA, CO = 100 µF, CO(ESR) = 0.3 Ω, TJ = 25°C [Note 1].)
LM2931C
LM2931AC
Characteristic
Symbol
Min
Typ
Max
Min
Typ
Typ
Unit
ADJUSTABLE OUTPUT
Reference Voltage (Note 2, Figure 18)
Vref
V
IO = 10 mA, TJ = 25°C
1.14
1.20
1.26
1.17
1.20
1.23
IO ≤ 100 mA, TJ = – 40 to +125°C
1.08
–
1.32
1.15
–
1.25
Output Voltage Range
VOrange
3.0 to
24
2.7 to
29.5
–
3.0 to
24
2.7 to
29.5
–
V
Line Regulation (Vin = VO + 0.6 V to 26 V)
Regline
–
0.2
1.5
–
0.2
1.5
mV/V
Load Regulation (IO = 5.0 mA to 100 mA)
Regload
–
0.3
1.0
–
0.3
1.0
%/V
Output Impedance
ZO
m
Ω/V
IO = 10 mA, ∆IO = 1.0 mA, f = 10 Hz to 10 kHz
–
40
–
–
40
–
Bias Current
IB
mA
IO = 100 mA
–
6.0
–
–
6.0
–
IO = 10 mA
–
0.4
1.0
–
0.4
1.0
Output Inhibited (Vth(OI) = 2.5 V)
–
0.2
1.0
–
0.2
1.0
Adjustment Pin Current
IAdj
–
0.2
–
–
0.2
–
µA
Output Noise Voltage (f = 10 Hz to 100 kHz)
Vn
–
140
–
–
140
–
µVrms/V
Long–Term Stability
S
–
0.4
–
–
0.4
–
%/kHR
Ripple Rejection (f = 120 Hz)
RR
0.10
0.003
–
0.10
0.003
–
%/V
Dropout Voltage
VI–VO
V
IO = 10 mA
–
0.015
0.2
–
0.015
0.2
IO = 100 mA
–
0.16
0.6
–
0.16
0.6
Over–Voltage Shutdown Threshold
Vth(OV)
26
29.5
40
26
29.5
40
V
Output Voltage with Reverse Polarity Input (Vin = –15 V)
–VO
– 0.3
0
–
–0.3
0
–
V
Output Inhibit Threshold Voltages
Vth(OI)
V
Output “On”:
TJ = 25°C
–
2.15
1.90
–
2.15
1.90
TJ = – 40° to +125°C
–
–
1.20
–
–
1.20
Output “Off”:
TJ = 25°C
2.50
2.26
–
2.50
2.26
–
TJ = – 40° to +125°C
3.25
–
–
3.25
–
–
Output Inhibit Threshold Current (Vth(OI) = 2.5 V)
Ith(OI)
–
30
50
–
30
50
µA
NOTES: 1. Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient as possible.
2. The reference voltage on the adjustable device is measured from the output to the adjust pin across R1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com