Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST20-GP6 Datasheet(PDF) 81 Page - STMicroelectronics

Part # ST20-GP6
Description  GPS PROCESSOR
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP6 Datasheet(HTML) 81 Page - STMicroelectronics

Back Button ST20-GP6 Datasheet HTML 77Page - STMicroelectronics ST20-GP6 Datasheet HTML 78Page - STMicroelectronics ST20-GP6 Datasheet HTML 79Page - STMicroelectronics ST20-GP6 Datasheet HTML 80Page - STMicroelectronics ST20-GP6 Datasheet HTML 81Page - STMicroelectronics ST20-GP6 Datasheet HTML 82Page - STMicroelectronics ST20-GP6 Datasheet HTML 83Page - STMicroelectronics ST20-GP6 Datasheet HTML 84Page - STMicroelectronics ST20-GP6 Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 123 page
background image
ST20-GP6
81/123
14.6.2 Software solutions
If the user wishes to break on the
nth occurrence of a given instruction using a counter in the DCU,
then there is no problem associated with abortable instructions because the counter is adjusted on
the completion of the instruction, not the start of the instruction. More specifically, the counter is
adjusted when the CPU commits to executing the instruction; this may be at the completion of an
abortable instruction, or it may be at an interrupt point in the middle of an interruptible instruction.
In the more complex example, the user wishes to break on the nth occurrence of a given instruction
in a given thread. In this case, a hardware break is set on the given instruction, and the breakpoint
trap handler contains just enough code to distinguish the desired thread and decrement a counter
in software. Of course, inserting the breakpoint makes the instruction appear to be abortable and
the count is not reliable. However, if a pair of break points are used, and counting only takes place
when the desired thread moves from the first to the second breakpoint, then a reliable count can be
established.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com