Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST20-GP6 Datasheet(PDF) 39 Page - STMicroelectronics

Part # ST20-GP6
Description  GPS PROCESSOR
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP6 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button ST20-GP6 Datasheet HTML 35Page - STMicroelectronics ST20-GP6 Datasheet HTML 36Page - STMicroelectronics ST20-GP6 Datasheet HTML 37Page - STMicroelectronics ST20-GP6 Datasheet HTML 38Page - STMicroelectronics ST20-GP6 Datasheet HTML 39Page - STMicroelectronics ST20-GP6 Datasheet HTML 40Page - STMicroelectronics ST20-GP6 Datasheet HTML 41Page - STMicroelectronics ST20-GP6 Datasheet HTML 42Page - STMicroelectronics ST20-GP6 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 123 page
background image
ST20-GP6
39/123
IntActiveHigh
The setting of the
IntActiveHigh register determines whether the wake-up occurs when the inter-
rupt goes high or low, assuming the interrupt has been enabled to cause a wake-up in the
IntL-
PEnable register.
IntLPEnable
Interrupt level controller base address + #50
Read/Write
Bit
Bit field
Function
0
Int0LPEnable
Enable external Interrupt0 for low power controller.
0
Interrupt0 masked from the low power controller
1
Interrupt0 enabled to cause a wake-up from power down mode
1
Int1LPEnable
Enable external Interrupt1 for low power controller.
0
Interrupt1 masked from the low power controller
1
Interrupt1 enabled to cause a wake-up from power down mode
Table 6.4
IntLPEnable register format
IntActiveHigh
Interrupt level controller base address + #4C
Read/Write
Bit
Bit field
Function
0
Int0ActiveHigh
Interrupt0 set to be active high or low
0
Interrupt0 goes low the ST20-GP6 wakes up from power down mode.
1
Interrupt0 goes high the ST20-GP6 wakes up from power down mode.
1
Int1ActiveHigh
Interrupt1 set to be active high or low
0
Interrupt1 goes low the ST20-GP6 wakes up from power down mode.
1
Interrupt1 goes high the ST20-GP6 wakes up from power down mode.
Table 6.5
IntActiveHigh register format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com