Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLS252012CX-1R5M Datasheet(PDF) 6 Page - Microchip Technology

Part # VLS252012CX-1R5M
Description  Cost and Size Optimized PMIC for SAMA5DX/SAM9X6/SAMA7G Series MPUs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VLS252012CX-1R5M Datasheet(HTML) 6 Page - Microchip Technology

Back Button VLS252012CX-1R5M Datasheet HTML 2Page - Microchip Technology VLS252012CX-1R5M Datasheet HTML 3Page - Microchip Technology VLS252012CX-1R5M Datasheet HTML 4Page - Microchip Technology VLS252012CX-1R5M Datasheet HTML 5Page - Microchip Technology VLS252012CX-1R5M Datasheet HTML 6Page - Microchip Technology VLS252012CX-1R5M Datasheet HTML 7Page - Microchip Technology VLS252012CX-1R5M Datasheet HTML 8Page - Microchip Technology VLS252012CX-1R5M Datasheet HTML 9Page - Microchip Technology VLS252012CX-1R5M Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
MCP16501
DS20006388A-page 6
 2020 Microchip Technology Inc.
Hibernate Mode
Operational Quiescent Current
(Switching, One Buck Channel
On) (Note 2)
IQOP_HIB1
—110
—
µA
IOUT2 = 0 mA, Buck2 on
(VOUT2 = 1.2V),
all other channels off, LPM = 1,
PWRHLD = 0
Hibernate Mode
Operational Quiescent Current
(Switching, One Buck Channel
On and the LDO Channel On)
(Note 2)
IQOP_HIB2
—150
—
µA
IOUT2 =ILDO =0 mA,
Buck2 and LDO on
(VOUT2 =1.2V, VLDO=1.8V),
all other channels off, LPM = 1,
PWRHLD = 0
Low-Power Mode
Operational Quiescent Current
(Switching) (Note 2)
IQOP_LPM
—205
—
µA
IOUTx = 0 mA, all channels on
excluding LDO, default settings,
PWRHLD = LPM = 1
Low-Power Mode
Operational Quiescent Current
(Switching) (Note 2)
IQOP_LPM2
—250
—
µA
IOUTx = 0 mA, all channels on
including LDO, default settings,
PWRHLD = LPM = 1
Active Mode
Operational Quiescent Current
(Switching) (Note 2)
IQOP_ACT
—14
—
mA
IOUTx = 0 mA, all channels
enabled including LDO, default
settings, PWRHLD = 1, LPM = 0
SELV2 = LOW, SELV3 = HIGH
Thermal Protection
Overtemperature Shutdown
Threshold (Note 2)
TTSD
—160
—
°C
Overtemperature Shutdown
Hysteresis (Note 2)
TTSD_HYS
—20
—
°C
Buck1
Input Operating Voltage Range
VPVIN1
2.7
—
5.5
V
PVIN1 Shutdown Current
IPVIN1_SHDN
—0.05
2
µA
Regulator disabled, VPVIN1 =5V
Output Voltage Accuracy,
FPWM
ACC_OUTPWM1
-2
—
+2
%IOUT1 = 0 mA
Output Voltage Accuracy,
Auto-PFM
ACC_OUTPFM1
-2
—
+2
%
IOUT1 = 0 mA, HCM off
Output Voltage Line Regulation
(Note 2)
LINE_REGPWM1
—0.03
—
%
IOUT1 =0 mA, FPWM,
VIN = PVIN1 = VIN = 3.6V to 5.5V
LINE_REGPFM1
—0.07
—
IOUT1 =0mA, Auto-PFM,
VIN = PVIN1 = VIN = 3.6V to 5.5V
Output Voltage Load
Regulation (Note 2)
LOAD_REGPWM1
—0.3
—
%
IOUT1 = 0A to 1A, FPWM
LOAD_REGPFM1
—0.5
—
%
IOUT1 = 0A to 1A, Auto-PFM
Hysteretic Control Mode Upper
Regulation Threshold,
Auto-PFM (MCP16501E only)
HCM_TH
1.7
2.9
4.3
%IOUT1 =0 mA,
PWRHLD = LPM = 1,
VIN = PVIN1 = 1.06 x VOUT1_NOM,
OUT1 rising, % of VOUT1_NOM
Hysteretic Control Mode
Disable Threshold,
Auto-PFM (MCP16501E only)
HCM_DIS
—
11.1
—
%
IOUT1 =0 mA,
PWRHLD = LPM = 1,
VIN = PVIN1 rising, % of
VOUT1_NOM
AC/DC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise specified: TA =TJ =+25°C; VIN = VIN =PVINx =5V; L1 =L2=L3 =2.2 µH;
COUT1, COUT2,, COUT3=22µF. Boldface type applies for junction temperatures TJ of -40°C to +125°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
Maximum limit for TJ = -40°C to +105°C based on characterization data.
2:
Not production tested.
3:
Typical value from bench characterization, maximum value production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com