Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLS252012CX-1R5M Datasheet(PDF) 1 Page - Microchip Technology

Part # VLS252012CX-1R5M
Description  Cost and Size Optimized PMIC for SAMA5DX/SAM9X6/SAMA7G Series MPUs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VLS252012CX-1R5M Datasheet(HTML) 1 Page - Microchip Technology

  VLS252012CX-1R5M Datasheet HTML 1Page - Microchip Technology VLS252012CX-1R5M Datasheet HTML 2Page - Microchip Technology VLS252012CX-1R5M Datasheet HTML 3Page - Microchip Technology VLS252012CX-1R5M Datasheet HTML 4Page - Microchip Technology VLS252012CX-1R5M Datasheet HTML 5Page - Microchip Technology VLS252012CX-1R5M Datasheet HTML 6Page - Microchip Technology VLS252012CX-1R5M Datasheet HTML 7Page - Microchip Technology VLS252012CX-1R5M Datasheet HTML 8Page - Microchip Technology VLS252012CX-1R5M Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
MCP16501
 2020 Microchip Technology Inc.
DS20006388A-page 1
Features
• Input Voltage: 2.7V to 5.5V
• Three 1A Output Current Buck Channels with
100% Maximum Duty Cycle Capability
• 2 MHz Buck Channels PWM Operation
• One Auxiliary 300 mA Low-Dropout Linear
Regulator (LDO)
• ±1% Voltage Accuracy for DDR (Buck2 Output)
and Core (Buck3 Output)
• Pin-Selectable Output Voltages for Buck2:
1.2V, 1.35V, 1.8V and for Buck3: 1.0V, 1.15V,
1.25V
• MPU-Specific Built-in Default Channel
Sequencing and nRSTO Assertion Delay
• Support of MPU Hibernate, Low-Power Modes
• Low Noise, Forced PWM (FPWM) and Low IQ,
Light Load, High-Efficiency Mode Available
• Leakage-Free Interfacing to MPU in any
Operating Condition through Optimized
ESD Protection
• 250 µA Low-Power Mode Typical Quiescent Cur-
rent Bucks and LDO On, No Load
• 6 µA Maximum Shutdown Current (VIN =4.5V,
TJ = +105°C)
• Separate LDO EN Input, Compatible to LV Logic
• Cost and Size-Optimized BOM
• Thermal Shutdown and Current Limit Protection
• 24-Pin 4 mm × 4 mm VQFN Package
• -40°C to +125°C Junction Temperature Range
Applications
• High-Performance MPUs Power Supply Solutions
• µC/µP, FPGA and DSP Power
Description
The MCP16501 is a cost and size optimized integrated
PMIC, compatible with Microchip’s EMPUs (Embedded
Microprocessor Units) and associated DRAM Memo-
ries. It is compatible with SAMA5DX, SAM9X6 and
SAMA7G MPUs, which are supported by dedicated
device variants.
The MCP16501 integrates three DC-DC Buck
regulators and one auxiliary LDO, and provides a
comprehensive interface to the MPU.
All Buck channels can support loads up to 1A and are
100% duty cycle-capable.
The 300 mA LDO is provided such that sensitive
analog loads can be supported.
The DDR memory voltage (Buck2 output) and MPU
core voltage (Buck3 output) are selectable by means of
two 3-state input pins. This method allows greater pre-
cision in the output voltage setting by eliminating inac-
curacies due to external feedback resistors, while
minimizing external component count. The voltage
selection set allows easy migration across different
generations of memory.
The default power channel sequencing is built-in
according to the requirements of the MPU. A dedicated
pin (LPM) facilitates the transition to Low-Power modes
and the implementation of Backup mode with DDR in
self-refresh (Hibernate mode).
The MCP16501 features a low no-load operational
quiescent current and it draws less than 6 µA (VIN =
4.5V, TJ = +105°C) in full shutdown.
Active discharge resistors are provided on each output.
All Buck channels support safe start-up into pre-biased
outputs.
The MCP16501 is available in a 24-pin 4 mm x 4 mm
VQFN package with an operating junction temperature
range from -40°C to +125°C.
Cost and Size Optimized PMIC for SAMA5DX/SAM9X6/
SAMA7G Series MPUs


Similar Part No. - VLS252012CX-1R5M

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
VLS252012CX-1R5M TDK-VLS252012CX-1R5M Datasheet
106Kb / 9P
Wound Ferrite
More results

Similar Description - VLS252012CX-1R5M

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FMLB-09 SCHURTER-FMLB-09 Datasheet
499Kb / 3P
AC Filter Cost Optimized
IL-11-0001 SCHURTER-IL-11-0001 Datasheet
419Kb / 2P
Cost optimized pulse transformers for THT mounting
logo
List of Unclassifed Man...
AXP221 ETC2-AXP221 Datasheet
2Mb / 52P
PMIC Optimized For Multi-Core High-Performance System
AXP223 ETC2-AXP223 Datasheet
2Mb / 56P
PMIC Optimized For Multi-Core High-Performance System
logo
TE Connectivity Ltd
20EHQ1 TEC-20EHQ1 Datasheet
312Kb / 2P
Size and cost effective design
logo
Shenzhen X-Powers Techn...
AXP288 XPOWER-AXP288_14 Datasheet
4Mb / 110P
PMIC Optimized For Multi-Core High-Performance System
logo
Ningbo Tianbo Ganglian ...
HJR4102 TIANBO-HJR4102 Datasheet
1Mb / 3P
Small size and low cost
HJR4102E TIANBO-HJR4102E Datasheet
1Mb / 3P
Small size and low cost
logo
Schurter Inc.
FPP-01 SCHURTER-FPP-01_V01 Datasheet
531Kb / 5P
AC Filter for PCB Mounting Cost Optimized
IL-11-0001 SCHURTER-IL-11-0001_V02 Datasheet
218Kb / 2P
Cost optimized pulse transformers for THT mounting
04.01.2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com