Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PW80 Datasheet(PDF) 8 Page - Relpol S.A.

Part # PW80
Description  Plug-in sockets and accessories
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RELPOL [Relpol S.A.]
Direct Link  https://www.relpol.pl/
Logo RELPOL - Relpol S.A.

PW80 Datasheet(HTML) 8 Page - Relpol S.A.

Back Button PW80 Datasheet HTML 4Page - Relpol S.A. PW80 Datasheet HTML 5Page - Relpol S.A. PW80 Datasheet HTML 6Page - Relpol S.A. PW80 Datasheet HTML 7Page - Relpol S.A. PW80 Datasheet HTML 8Page - Relpol S.A. PW80 Datasheet HTML 9Page - Relpol S.A. PW80 Datasheet HTML 10Page - Relpol S.A. PW80 Datasheet HTML 11Page - Relpol S.A. PW80 Datasheet HTML 12Page - Relpol S.A. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
www.relpol.com.pl
Export Sales Department phone +48 68 47 90 832, 951 • e-mail: export@relpol.com.pl
8
❶
Mounting and sub-assemblies of accessories in the socket - see page 9. Signalling / protecting modules type M... - see page 20.
❷
In the bracket the height
of socket with retainer / retractor clip is shown.
❺
For R4N relays: G4 1052, GZT4-0040, GZMB-0040, GZT4-0035, TR, module type M...; for T-R4 relays:
TR4-2000, GZT4-0035, TR
❻
In the bracket the height of socket with spring wire clip is shown.
Plug-in sockets and accessories
SU4D
For R4N
For PCB
29,6 x 21,5 x 11 mm
Four poles
6 A, 250 V AC
Dimensions
Pinout
Accessories
G4 1053
GS4
For R4N
Screw terminals
Max. tightening moment
for the terminal: 0,7 Nm
35 mm rail mount
acc. to PN-EN 60715
or on panel mounting
67 x 30,8 x 30(~63,7) mm ❻
Four poles
6 A, 300 V AC
Dimensions
Connection diagram
Accessories
NC
COM
NO
COIL
GS4-0036
GS4-0035
NC
COM
NO
COIL
GZMB4
For R4N, T-R4
Spring terminals
Max. cross section of the cables:
1 x 0,2...1,5 mm2
(1 x 24...16 AWG)
Length of the cable deinsulation:
9...11 mm
35 mm rail mount
acc. to PN-EN 60715
95 x 31 x 42,5(80) mm ❷
Four poles
10 A, 300 V AC
Dimensions
Connection diagram
Accessories ❶ ❺
Module type M...
Wire connection
TR
The drawings present the sequence of operations in
course of inserting wires to the spring terminal, and
the recommended screwdriver to be used for opening
of case springs, comply with the DIN 5264 FORM „A”.
G4 1052
TR4-2000
Wire connection
holes
Release
holes
GZMB4-0040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com