Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PW80 Datasheet(PDF) 3 Page - Relpol S.A.

Part # PW80
Description  Plug-in sockets and accessories
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RELPOL [Relpol S.A.]
Direct Link  https://www.relpol.pl/
Logo RELPOL - Relpol S.A.

PW80 Datasheet(HTML) 3 Page - Relpol S.A.

  PW80 Datasheet HTML 1Page - Relpol S.A. PW80 Datasheet HTML 2Page - Relpol S.A. PW80 Datasheet HTML 3Page - Relpol S.A. PW80 Datasheet HTML 4Page - Relpol S.A. PW80 Datasheet HTML 5Page - Relpol S.A. PW80 Datasheet HTML 6Page - Relpol S.A. PW80 Datasheet HTML 7Page - Relpol S.A. PW80 Datasheet HTML 8Page - Relpol S.A. PW80 Datasheet HTML 9Page - Relpol S.A. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
www.relpol.com.pl
Export Sales Department phone +48 68 47 90 832, 951 • e-mail: export@relpol.com.pl
3
GD50
For RM84, RM85, RM85 inrush,
RM85 105 °C sensitive,
RMB841, RMB851,
RM87L, RM87L sensitive,
RM87P, RM87P sensitive,
RM83, RM94
For PCB
31,5 x 13 x 9 mm
Two poles, 5 mm pinout
8 A, 300 V AC
Dimensions
Accessories
Pinout
MP16-2
GD-0016
MH16-2
MP25-2
GD-0025
MH25-2
RM81-0001
Plug-in sockets and accessories
❶
Mounting and sub-assemblies of accessories in the socket - see page 9. Signalling / protecting modules type M... - see page 20.
❷
In the bracket the height of socket with retainer / retractor clip is shown.
GZT92
For RM87N, RM87N sensitive
Screw terminals
Max. tightening moment
for the terminal: 0,7 Nm
35 mm rail mount
acc. to PN-EN 60715
or on panel mounting
75,3 x 15,5 x 61(67) mm ❷
One pole, 3,5 mm pinout
12 A, 300 V AC
Dimensions
Connection diagrams
Accessories ❶
NC
COM
NO
COIL
RM87N
ZGGZ80
GZT80-0040
GZT80-0035
Module type M...
GZM80-0041
ZGGZ80
GZT80-0040
GZT80-0035 Module type M...
GZM80-0041
GZM92
For RM87N, RM87N sensitive
Screw terminals
Max. tightening moment
for the terminal: 0,7 Nm
35 mm rail mount
acc. to PN-EN 60715
or on panel mounting
78,1 x 15,9 x 61(66,5) mm ❷
One pole, 3,5 mm pinout
12 A, 300 V AC
Dimensions
Connection diagrams
Accessories ❶
GZS92
For RM87N, RM87N sensitive
Screw terminals
Max. tightening moment
for the terminal: 0,5 Nm
35 mm rail mount
acc. to PN-EN 60715
or on panel mounting
76,8 x 15,8 x 42,5(57,1) mm ❷
One pole, 3,5 mm pinout
12 A, 300 V AC
Dimensions
Connection diagrams
Accessories ❶
NC
COM
NO
COIL
NC
COM
NO
COIL
RM87N
RM87N
GZM80-0041
Module type M...
GZS-0040
ZGGZ80
TR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com