Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FD-E13 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # FD-E13
Description  Digital Fiber Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FD-E13 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button FD-E13 Datasheet HTML 12Page - List of Unclassifed Manufacturers FD-E13 Datasheet HTML 13Page - List of Unclassifed Manufacturers FD-E13 Datasheet HTML 14Page - List of Unclassifed Manufacturers FD-E13 Datasheet HTML 15Page - List of Unclassifed Manufacturers FD-E13 Datasheet HTML 16Page - List of Unclassifed Manufacturers FD-E13 Datasheet HTML 17Page - List of Unclassifed Manufacturers FD-E13 Datasheet HTML 18Page - List of Unclassifed Manufacturers FD-E13 Datasheet HTML 19Page - List of Unclassifed Manufacturers FD-E13 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
Digital Fiber Sensor
FX-300 SERIES
154
Selection
Guide
Fibers
Fiber
Amplifiers
FX-500
FX-100
FX-300
FX-410
FX-311
FX-301-F7/
FX-301-F
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
ELECTRICITY
PREVENTION
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
CONSUMPTION
VISUALIZATION
COMPONENTS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
FIBER OPTIONS
Lens (for thru-beam type fiber)
Designation
Model No.
Description
Expansion
lens
(Note 1)
FX-LE1
Increases the sensing
range by 5 times or
more.
• Ambient
temperature:
–60 to +350 °C
–76 to +662 °F
(Note 5)
• Beam dia:
ø3.6 mm
ø0.142 in
Sensing range for red LED type (mm) [Lens on both sides] (Note 2)
Mode
Fiber
U-LG LONG STDF STD
FAST
S-D
H-SP
FT-43
3,600 (Note 3) 3,600 (Note 3) 3,600 (Note 3) 2,900
2,100
1,300
1,200
FT-42
3,600 (Note 3) 3,600 (Note 3) 3,600 (Note 3) 3,600 (Note 3) 2,800
1,600
1,600
FT-45X 1,600 (Note 3) 1,600 (Note 3) 1,600 (Note 3) 1,600 (Note 3) 1,600 (Note 3) 1,600 (Note 3) 1,500
FT-R40 3,600 (Note 3) 3,600 (Note 3) 3,500
3,400
2,700
1,500
1,500
FT-H35-M2 3,500 (Note 3) 3,500 (Note 3) 2,500
2,000
1,500
750
700
FT-H20W-M1 1,600 (Note 3) 1,600 (Note 3) 1,600 (Note 3) 1,300
900
500
400
FT-H20-M1 1,600 (Note 3) 1,600 (Note 3) 1,600 (Note 3) 1,600 (Note 3) 1,100
900
600
Super-
expansion
lens
(Note 1)
FX-LE2
Tremendously
increases the sensing
range with large
diameter lenses.
• Ambient
temperature:
–60 to +350 °C
–76 to +662 °F
(Note 5)
• Beam dia:
ø9.8 mm
ø0.386 in
Sensing range for red LED type (mm) [Lens on both sides] (Note 2)
Mode
Fiber
U-LG LONG STDF STD
FAST
S-D
H-SP
FT-43
3,600 (Note 3) 3,600 (Note 3) 3,600 (Note 3) 3,600 (Note 3) 3,600 (Note 3) 3,600 (Note 3) 3,600 (Note 3)
FT-42
3,600 (Note 3) 3,600 (Note 3) 3,600 (Note 3) 3,600 (Note 3) 3,600 (Note 3) 3,600 (Note 3) 3,600 (Note 3)
FT-45X
1,600 (Note 3) 1,600 (Note 3) 1,600 (Note 3) 1,600 (Note 3) 1,600 (Note 3) 1,600 (Note 3) 1,600 (Note 3)
FT-R40 3,600 (Note 3) 3,600 (Note 3) 3,600 (Note 3) 3,600 (Note 3) 3,600 (Note 3) 3,600 (Note 3) 3,600 (Note 3)
FT-H35-M2 3,500 (Note 3) 3,500 (Note 3) 3,500 (Note 3) 3,500 (Note 3) 3,500 (Note 3) 3,500 (Note 3) 3,500 (Note 3)
FT-H20W-M1 1,600 (Note 3) 1,600 (Note 3) 1,600 (Note 3) 1,600 (Note 3) 1,600 (Note 3) 1,500 1,600 (Note 3)
FT-H20-M1 1,600 (Note 3) 1,600 (Note 3) 1,600 (Note 3) 1,600 (Note 3) 1,600 (Note 3) 1,600 (Note 3) 1,600 (Note 3)
FT-H13-FM2 3,500 (Note 3) 3,500 (Note 3) 3,500 (Note 3) 3,500 (Note 3) 3,500 (Note 3) 3,500 (Note 3) 3,500 (Note 3)
Side-view
lens
FX-SV1
Beam axis is bent by
90°.
• Ambient
temperature:
–60 to +300 °C
–76 to +572 °F
(Note 5)
• Beam dia:
ø2.8 mm
ø0.110 in
Sensing range for red LED type (mm) [Lens on both sides] (Note 2)
Mode
Fiber
U-LG LONG STDF STD
FAST
S-D
H-SP
FT-43
1,900
1,200
840
580
420
250
240
FT-42
2,100
1,400
870
640
440
210
210
FT-45X 1,600 (Note 3) 1,600 (Note 3)
840
650
450
220
220
FT-H35-M2
840
550
370
280
200
90
90
FT-H20W-M1
400
310
180
140
100
50
50
FT-H20-M1
840
550
370
280
200
90
90
Expansion
lens for
vacuum
fiber
(Note 1)
FV-LE1
Sensing range increases
by 4 times or more.
• Ambient temperature:
–60 to +350 °C
–76 to +662 °F (Note 5)
• Beam dia:
ø3.6 mm
ø0.142 in
Sensing range for red LED type (mm) [Lens on both sides] (Note 2, 4)
Mode
Fiber
U-LG LONG STDF STD
FAST
S-D
H-SP
FT-H30-M1V-S 1,600
1,200
650
450
300
150
200
Vacuum
resistant
side-view
lens
(Note 1)
FV-SV2
Beam axis is bent by
90°.
• Ambient temperature:
–60 to +300 °C
–76 to +572 °F (Note 5)
• Beam dia:
ø3.7 mm
ø0.146 in
Sensing range for red LED type (mm) [Lens on both sides] (Note 2, 4)
Mode
Fiber
U-LG LONG STDF STD
FAST
S-D
H-SP
FT-H30-M1V-S 1,600
1,200
650
450
300
150
200
Notes: 1) Be careful sure to use it only after you have adjusted it sufficiently when installing the thru-beam type fiber equipped with the expansion lens, as the
beam envelope becomes narrow and alignment is difficult.
2) The sensing ranges are the values for red LED type amplifier. Please contact our office for details on sensing ranges for other types of amplifiers.
3) The fiber cable length practically limits the sensing range.
4) The fiber cable length for the
FT-H30-M1V-S is 1 m 3.281 ft. The sensing ranges in U-LG and LONG modes take into account the length of the FT-J8
atmospheric side fiber.
5) Refer to p.15, p18, p.33 and p.35 for the ambient temperatures of fibers to be used in combination.
Refer to p. 69~ for details of lens dimensions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com