Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FD-E13 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # FD-E13
Description  Digital Fiber Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FD-E13 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button FD-E13 Datasheet HTML 10Page - List of Unclassifed Manufacturers FD-E13 Datasheet HTML 11Page - List of Unclassifed Manufacturers FD-E13 Datasheet HTML 12Page - List of Unclassifed Manufacturers FD-E13 Datasheet HTML 13Page - List of Unclassifed Manufacturers FD-E13 Datasheet HTML 14Page - List of Unclassifed Manufacturers FD-E13 Datasheet HTML 15Page - List of Unclassifed Manufacturers FD-E13 Datasheet HTML 16Page - List of Unclassifed Manufacturers FD-E13 Datasheet HTML 17Page - List of Unclassifed Manufacturers FD-E13 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Digital Fiber Sensor
FX-300 SERIES
152
Selection
Guide
Fibers
Fiber
Amplifiers
FX-500
FX-100
FX-300
FX-410
FX-311
FX-301-F7/
FX-301-F
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
ELECTRICITY
PREVENTION
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
CONSUMPTION
VISUALIZATION
COMPONENTS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
Reflective type
Model No.
Sensing range (mm in) (Note 1, 2) / Description
Dimensions
FX-301B / 311B
FX-301G / 311G
FX-301H
LONG
STD
FAST
LONG
STD
FAST
LONG
STD
FAST
FD-30
19 0.748
9 0.354
6 0.236
9 0.354
4.5 0.177
2.5 0.098
8 0.315
4 0.157
2.5 0.098
P.59
FD-31
18 0.709
8 0.315
5 0.197
8 0.315
4 0.157
2 0.079
7 0.276
3 0.118
2 0.079
P.59
FD-31W
7 0.276
4 0.157 1 to 2.5 0.039to0.098
5 0.197 1 to 2 0.039to0.079
–
6 0.236
3 0.118
–
P.59
FD-32G
22 0.866
11 0.433
8 0.315
15 0.591
6 0.236
4 0.157
11 0.433
6 0.236
2 0.079
P.59
FD-32GX
25 0.984
11 0.433
8 0.315
16 0.630
6 0.236
4 0.157
14 0.551
7 0.276
4 0.157
P.59
FD-40
19 0.748
9 0.354
6 0.236
9 0.354
4.5 0.177
2.5 0.098
8 0.315
4 0.157
2.5 0.098
P.59
FD-41
18 0.709
8 0.315
5 0.197
8 0.315
4 0.157
2 0.079
7 0.276
3 0.118
2 0.079
P.59
FD-41S
18 0.709
8 0.315
5 0.197
8 0.315
4 0.157
2 0.079
7 0.276
3 0.118
2 0.079
P.59
FD-41SW
9 0.354 1 to 4 0.039to0.157 1 to 2.5 0.039to0.098 1 to 4 0.039to0.157 1 to 2 0.039to0.079
–
6 0.236 1 to 3 0.039to0.118
–
P.59
FD-41W
32 1.260 1 to 15 0.039to0.591 1 to 9 0.039to0.354
17 0.669 1 to 7.5 0.039to0.295 1.5 to 4.5 0.059to0.177
18 0.709 1 to 9 0.039to0.354 1.5 to 5 0.059to0.197
P.59
FD-42G
22 0.866
11 0.433
8 0.315
15 0.591
6 0.236
4 0.157
11 0.433
6 0.236
2 0.079
P.60
FD-42GW
14 0.551
7 0.276
5 0.197
6 0.236
4 0.157
2 0.079
9 0.354
5 0.197
2 0.079
P.60
FD-60
55 2.165
28 1.102
18 0.709
30 1.181
15 0.591
10 0.394
30 1.181
15 0.591
10 0.394
P.60
FD-61
48 1.890
24 0.945
16 0.630
26 1.024
13 0.512
8 0.315
27 1.063
12 0.472
8 0.315
P.60
FD-61G
46 1.811
23 0.906
15 0.591
26 1.024
12 0.472
8 0.315
25 0.984
12 0.472
8 0.315
P..60
FD-61S
48 1.890
24 0.945
16 0.630
26 1.024
13 0.512
8 0.315
27 1.063
12 0.472
8 0.315
P.60
FD-61W
32 1.260 1 to 15 0.039to0.591 1 to 9 0.039to0.354
17 0.669 1 to 7.5 0.039to0.295 1.5 to 4.5 0.059to0.177
18 0.709 1 to 9 0.039to0.354 1.5 to 5 0.059to0.197
P.60
FD-62
80 3.150 1 to 40 0.039to1.575 1 to 27 0.039to1.063 1 to 42 0.039to1.654 1 to 21 0.039to0.827 1 to 14 0.039to0.551
54 2.126 1 to 26 0.039to1.024 1 to 17 0.039to0.669
P.60
FD-64X
32 1.260 0.5 to 16 0.020to0.630 0.5 to 10 0.020to0.394 0.5 to 16 0.020to0.630 0.5 to 8 0.020to0.315 0.5 to 5 0.020to0.197
27 1.063
22 0.866
14 0.551
P.61
FD-A16
19 0.748
14 0.551
–
20 0.787
13 0.512
–
18 0.709
15 0.591
–
P.61
FD-AL11
33 1.299
16 0.630
10 0.394
18 0.709
8 0.315
4.5 0.177
12 0.472
10 0.394
6 0.236
P.61
FD-E13
2 0.079
0.8 0.031
0.5 0.020
0.8 0.031
–
–
2 0.079
1 0.039
–
P.61
FD-E23
6 0.236
3 0.118
2 0.079
3 0.118
1.5 0.059
1 0.039
8 0.315
4 0.157
2.5 0.098
P.61
FD-EG30
6 0.236
3 0.118
2 0.079
3 0.118
1.5 0.059
1 0.039
8 0.315
4 0.157
2.5 0.098
P.61
FD-EG30S
6 0.236
3 0.118
2 0.079
3 0.118
1.5 0.059
1 0.039
8 0.315
4 0.157
2.5 0.098
P.62
FD-EG31
2 0.079
1 0.039
0.5 0.020
1 0.039
–
–
4 0.157
2 0.079
1 0.039
P.62
FD-F4
Applicable pipe diameter: Outer dia. ø6 to ø26 mm ø0.236 to ø1.024 in transparent pipe
[PFA (fluorine resin) or equivalently transparent pipe, wall thickness 1 mm 0.039 in]
Liquid absent: Beam received, Liquid present: Beam interrupted
P.62
FD-F41
Applicable pipe diameter: Outer dia. ø6 to ø26 mm ø0.236 to ø1.024 in transparent pipe
[PVC (vinyl chloride), fluorine resin, polycarbonate, acrylic, glass, wall thickness 1 to 3 mm 0.039 to 0.118 in]
Liquid absent: Beam received, Liquid present: Beam interrupted
P.62
FD-F41Y (Note 3)
ø4 mm ø0.157 in form Protective tube: fluorine resin, length 500 mm 19.685 in (cuttable)
Liquid surface not contacted: Beam received, Liquid surface contacted: Beam interrupted
P.62
FD-F8Y
–
–
–
–
–
–
–
–
–
P.62
FD-FA93
Applicable pipe diameter: Outer dia. ø8 mm ø0.315 in or more transparent pipe
(When used with the tying bands: ø8 to ø80 mm ø0.315 to ø3.150 in) [PFA (fluorine resin), including translucent]
Liquid absent: Beam received, Liquid present: Beam interrupted
P.62
FD-H13-FM2
20 0.787
11 0.433
7 0.276
20 0.787
11 0.433
7 0.276
25 0.984
12 0.472
8 0.315
P.63
FD-H18-L31
–
–
–
–
–
–
–
–
–
P.63
FD-H20-21
36 1.417
18 0.709
12 0.472
20 0.787
10 0.394
7 0.276
140 5.512
70 2.756
45 1.772
P.63
FD-H20-M1
36 1.417
18 0.709
12 0.472
20 0.787
10 0.394
7 0.276
140 5.512
70 2.756
45 1.772
P.63
FD-H25-L43 (Note 4)
–
–
–
–
–
–
–
–
–
P.63
FD-H25-L45 (Note 4)
–
–
–
–
–
–
–
–
–
P.63
Fibers are listed in alphabetic order. Refer to p.5~ “Fiber Selection” for details of each fiber.
Notes: 1) Note that the sensing range of the free-cut type fiber may be reduced by 20 % max. depending upon how the fiber is cut.
2) The sensing range is specified for white non-glossy paper. (
FP-H18-L31 50 × 50 mm 1.969 × 1.969 in. glass substrate).
3) Liquid inflow prevention joint, protective tube extension joint, fiber mounting joint are available. Please refer to p.38 for details.
4) The sensing range is specified for transparent glass 100 × 100 × t0.7 mm 3.937 × 3.937 × t0.028 in
SENSING RANGE OF BLUE LED / GREEN LED / INFRARED LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com