Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFP01 Datasheet(PDF) 66 Page - Silicon Laboratories

Part # EFP01
Description  EFP01 Energy Friendly PMIC Family
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFP01 Datasheet(HTML) 66 Page - Silicon Laboratories

Back Button EFP01 Datasheet HTML 62Page - Silicon Laboratories EFP01 Datasheet HTML 63Page - Silicon Laboratories EFP01 Datasheet HTML 64Page - Silicon Laboratories EFP01 Datasheet HTML 65Page - Silicon Laboratories EFP01 Datasheet HTML 66Page - Silicon Laboratories EFP01 Datasheet HTML 67Page - Silicon Laboratories EFP01 Datasheet HTML 68Page - Silicon Laboratories EFP01 Datasheet HTML 69Page - Silicon Laboratories EFP01 Datasheet HTML 70Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 158 page
background image
Table 5.17. EFP0109/EFP0110 VOB Output
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
VDDB Input voltage range
VVDDB
1.8
—
5.5
V
Output programmable volt-
age range
VVOB_RANGE
EFP0109, DCDC Enabled at
Startup
0.8
—
3.3
V
EFP0110, DCDC Disabled at
Startup1
0.8
—
1.26
V
Default output voltage
VVOB
EFP0109
—
1.858
—
V
EFP0110
—
Disabled
—
V
Output load current2
ILOAD_MAX
Buck-only, BK_IPK = 31, EM0,
VDDB - VOB > 660mV,
TON_MAX = 73,4,5
141
—
—
mA
Buck-only, BK_IPK_EM2 = 7,
EM2, VDDB - VOB > 660 mV,
TON_MAX = 73,4,5
20
—
—
mA
Buck w/LDO, BK_IPK = 31,
LDOB_IGAIN = 15, EM0, VDDB -
VOB > 365 mV, TON_MAX =
73,4,5
150
—
—
mA
Buck w/LDO, BK_IPK_EM2 = 7,
LDOB_IGAIN = 15, EM2, VDDB -
VOB > 365 mV, TON_MAX =
73,4,5
20
—
—
mA
LDO-only, LDOB_IGAIN = 15,
EM0, VDDB - VOB > 365 mV4,5
150
—
—
mA
LDO-only, LDOB_IGAIN = 15,
EM2, VDDB - VOB > 365 mV4,5
20
—
—
mA
Output voltage accuracy
VVOB_ACC
EM2, VOB = 1.1V, ILOAD = 25
mA4
—
4.1
17.9
mV
EM0, VOB ≥ 1.8V, ILOAD = 25
mA4
—
15.9
74.9
mV
EM0, VOB = 1.1V, ILOAD = 25
mA4
—
-0.6
14.7
mV
EM2, VOB ≥ 1.8V, ILOAD = 25
mA4
—
20.9
89.2
mV
LDO dropout voltage (head-
room required to ensure out-
put in regulation)
VDROPOUT
LDO mode, VOB = 1.8V, ILOAD =
10 mA
—
20
—
mV
LDO mode, VOB = 1.8V, ILOAD =
150 mA
—
—
365
mV
LDO mode, VOB = 1.2V, ILOAD =
10 mA
—
20
—
mV
Load transient
VVOB_LOADPULL Buck-only, ILOAD changes be-
tween 10 and 80 mA4
—
0.454
—
mV
Buck with LDO in parallel, ILOAD
changes between 10 and 80 mA4
—
2.339
—
mV
EFP01 Energy Friendly PMIC Family Data Sheet
Electrical Specifications
silabs.com | Building a more connected world.
Rev. 1.3 | 66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com