Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFP01 Datasheet(PDF) 15 Page - Silicon Laboratories

Part # EFP01
Description  EFP01 Energy Friendly PMIC Family
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFP01 Datasheet(HTML) 15 Page - Silicon Laboratories

Back Button EFP01 Datasheet HTML 11Page - Silicon Laboratories EFP01 Datasheet HTML 12Page - Silicon Laboratories EFP01 Datasheet HTML 13Page - Silicon Laboratories EFP01 Datasheet HTML 14Page - Silicon Laboratories EFP01 Datasheet HTML 15Page - Silicon Laboratories EFP01 Datasheet HTML 16Page - Silicon Laboratories EFP01 Datasheet HTML 17Page - Silicon Laboratories EFP01 Datasheet HTML 18Page - Silicon Laboratories EFP01 Datasheet HTML 19Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 158 page
background image
Boost Mode TON_MAX
In Boost mode, the BB_TON_MAX field in the LDOC_BB_CTRL register should be set to a non-zero value to ensure a finite on-time
under all conditions. Without this protection, in certain scenarios (e.g., where the inductor peak current may be limited by battery impe-
dances and inductor and power train resistances), the inductor current may not reach the threshold of the peak current detector and the
Boost converter power train NMOS will not turn off.
3.2.1.6 Boost Mode TOFF Maximum Limiting
In certain scenarios, the battery voltage at the input to the EFP01 in boost mode can be as high as, or higher than, the desired output.
For example:
• A Li/FeS2 battery can have an output voltage as high as 1.8 V at the very start of its life, which would be problematic in an applica-
tion where the regulated output needs to be 1.8 V.
• Two alkaline or Li/FeS2 batteries in series can provide a voltage as high as 3.6 V. If a 3.3 V regulated output is desired, the buck/
boost configuration can be used, but the buck/boost configuration efficiency is ~5-8% less than the wired boost configuration.
A PFM converter, such as the EFP01, cannot typically operate in a boost mode with an input voltage even slightly higher than the out-
put. In this scenario, the inductor current during the TOFF interval may never reach zero (a requirement for the converter to signal the
end of the discharge phase), resulting in an inaccurate and poorly regulated output voltage.
To address this issue, the EFP01 has a TOFF maximum limiting feature to enforce a maximum discharge interval time. When the
BB_TOFF_MAX field in the BB_CTRL6 register is set to a nonzero value, the TOFF discharge interval is ended after a set period of
time, even if the inductor current has not reached zero, with any residual inductor current is discharged into the VOA pin.
To avoid extremely large ripple voltage, TOFF maximum limiting should only be enabled when the maximum battery voltage is no higher
than 0.3V above the programmed VOA voltage.
EFP01 Energy Friendly PMIC Family Data Sheet
System Overview
silabs.com | Building a more connected world.
Rev. 1.3 | 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com