Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F100FD Datasheet(PDF) 43 Page - Renesas Technology Corp

Part # R5F100FD
Description  True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100FD Datasheet(HTML) 43 Page - Renesas Technology Corp

Back Button R5F100FD Datasheet HTML 39Page - Renesas Technology Corp R5F100FD Datasheet HTML 40Page - Renesas Technology Corp R5F100FD Datasheet HTML 41Page - Renesas Technology Corp R5F100FD Datasheet HTML 42Page - Renesas Technology Corp R5F100FD Datasheet HTML 43Page - Renesas Technology Corp R5F100FD Datasheet HTML 44Page - Renesas Technology Corp R5F100FD Datasheet HTML 45Page - Renesas Technology Corp R5F100FD Datasheet HTML 46Page - Renesas Technology Corp R5F100FD Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 207 page
background image
RL78/G13
1. OUTLINE
R01DS0131EJ0350 Rev.3.50
43 of 200
Jun 30, 2020
1.5.14 128-pin products
TxD3/P144
PORT 1
PORT 2
8
PORT 3
P30 to P37
8
PORT 4
PORT 5
8
PORT 8
8
8
VOLTAGE
REGULATOR
REGC
INTERRUPT
CONTROL
RAM
POWER ON RESET/
VOLTAGE
DETECTOR
POR/LVD
CONTROL
RESET CONTROL
SYSTEM
CONTROL
HIGH-SPEED
ON-CHIP
OSCILLATOR
ON-CHIP DEBUG
SERIAL ARRAY
UNIT0 (4ch)
UART0
UART1
IIC00
TIMER ARRAY
UNIT0 (8ch)
ch2
ch3
ch0
ch1
ch4
ch5
ch6
ch7
INTP8/P74 (INTP8/P86),
INTP9/P75 (INTP9/P87)
2
INTP0/P137
INTP3/P30 (INTP3/P57),
INTP4/P31 (INTP4/P146)
INTP6/P140 (INTP6/P84),
INTP7/P141 (INTP7/P85)
INTP1/P46 (INTP1/P56),
INTP2/P47
RxD2/P14 (RxD2/P76)
CSI10
A/D CONVERTER
8
PORT 9
CSI11
IIC01
IIC10
IIC11
CSI00
2
2
2
INTP5/P16 (INTP5/P12)
PORT 0
8
KEY RETURN
8
11
ANI16/P03, ANI17/P02,
ANI18/P147, ANI19/P120,
ANI20/P100, ANI21/P37,
ANI22/P36, ANI23/P35,
ANI24/P117, ANI25/P116,
ANI26/P115
CSI01
PORT 6
PORT 7
8
8
PORT 10
7
7
PORT 11
P110 to P117
8
PORT 12
4
P120, P125 to P127
PORT 13
P130
P137
PORT 14
8
4
PORT 15
7
8
8
SERIAL ARRAY
UNIT1 (4ch)
RxD2/P14(RxD2/P76)
UART3
RxD3/P143
SCL20/P15
IIC20
CSI30
SCK30/P142
SO30/P144
SI30/P143
CSI31
SCK31/P54
SO31/P52
SI31/P53
SCL21/P70
IIC21
SCL30/P142
IIC30
SCL31/P54
IIC31
CSI20
SCK20/P15
SO20/P13
SI20/P14
CSI21
SCK21/P70
SO21/P72
SI21/P71
UART2
LINSEL
TIMER ARRAY
UNIT1 (8ch)
ch2
ch3
ch0
ch1
ch4
ch5
ch6
ch7
WINDOW
WATCHDOG
TIMER
REAL-TIME
CLOCK
BCD
ADJUSTMENT
SERIAL
INTERFACE IICA0
MULTIPLIER&
DIVIDER,
MULTIPLY-
ACCUMULATOR
BUZZER OUTPUT
CLOCK OUTPUT
CONTROL
PCLBUZ0/P140
(PCLBUZ0/P31),
PCLBUZ1/P141
(PCLBUZ1/P55)
DIRECT MEMORY
ACCESS CONTROL
2
SCLA1/P62
SERIAL
INTERFACE IICA1
CODE FLASH MEMORY
DATA FLASH MEMORY
RL78
CPU
CORE
2
INTP10/P76 (INTP10/P110),
INTP11/P77 (INTP11/P111)
CRC
LOW-SPEED
ON-CHIP
OSCILLATOR
12- BIT INTERVAL
TIMER
TI12/TO12/P66
TI13/TO13/P67
TI14/TO14/P103
TI15/TO15/P104
TI16/TO16/P105
TI17/TO17/P106
TI11/TO11/P65
TI10/TO10/P64
TI02/TO02/P17
(TI02/TO02/P15)
TI03/TO03/P31
(TI03/TO03/P14)
TI04/TO04/P42
(TI04/TO04/P13)
TI05/TO05/P46
(TI05/TO05/P12)
TI06/TO06/P102
(TI06/TO06/P11)
TI07/TO07/P145
(TI07/TO07/P10)
TI00/P00
TO00/P01
TI01/TO01/P16
RxD2/P14
(RxD2/P76)
SCK10/P04(SCK10/P80)
RxD0/P11(RxD0/P16)
TxD0/P12(TxD0/P17)
RxD1/P03(RxD1/P81)
TxD1/P02(TxD1/P82)
SCL00/P10
SDA00/P11
SO10/P02(SO10/P82)
SI10/P03(SI10/P81)
SCK11/P95
SO11/P97
SI11/P96
SCL01/P43
SCL10/P04(SCL10/P80)
SDA10/P03(SDA10/P81)
SCL11/P95
SCK00/P10(SCK00/P55)
SO00/P12(SO00/P17)
SI00/P11(SI00/P16)
SCK01/P43
SO01/P45
SI01/P44
SDA01/P44
SDA11/P96
AVREFP/P20
AVREFM/P21
ANI0/P20 to ANI7/P27
ANI8/P150 to ANI14/P156
VSS,
EVSS0,
EVSS1
TOOLRxD/P11,
TOOLTxD/P12
VDD,
EVDD0,
EVDD1
SCLA0/P60(SCLA0/P14)
SDAA1/P63
SDAA0/P61(SDAA0/P13)
RTC1HZ/P30
TxD2/P13(TxD2/P77)
SDA20/P14
SDA21/P71
SDA30/P143
SDA31/P53
RESET
X1/P121
X2/EXCLK/P122
XT1/P123
XT2/EXCLKS/P124
TOOL0/P40
KR0/P70 to
KR7/P77
P140 to P147
P150 to P156
P100 to P106
P121 to P124
P90 to P97
P20 to P27
P10 to P17
P40 to P47
P50 to P57
P00 to P07
P80 to P87
P70 to P77
P60 to P67
Remark
Functions in parentheses in the above figure can be assigned via settings in the peripheral I/O redirection
register (PIOR).
Refer to Figure 4-8
Format of Peripheral I/O Redirection Register (PIOR) in the
RL78/G13 User’s Manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com