Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F100FD Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # R5F100FD
Description  True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100FD Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button R5F100FD Datasheet HTML 5Page - Renesas Technology Corp R5F100FD Datasheet HTML 6Page - Renesas Technology Corp R5F100FD Datasheet HTML 7Page - Renesas Technology Corp R5F100FD Datasheet HTML 8Page - Renesas Technology Corp R5F100FD Datasheet HTML 9Page - Renesas Technology Corp R5F100FD Datasheet HTML 10Page - Renesas Technology Corp R5F100FD Datasheet HTML 11Page - Renesas Technology Corp R5F100FD Datasheet HTML 12Page - Renesas Technology Corp R5F100FD Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 207 page
background image
RL78/G13
1. OUTLINE
R01DS0131EJ0350 Rev.3.50
9 of 200
Jun 30, 2020
Table 1-1. List of Ordering Part Numbers
(6/8)
Pin
count
Package
Data
flash
Fields of
Application
Note
Ordering Part Number
RENESAS Code
Product Name
Packaging
Specifications
64
pins
64-pin plastic
LQFP
(12
× 12 mm,
0.65-mm
pitch)
Mounted A
R5F100LCAFA, R5F100LDAFA, R5F100LEAFA,
R5F100LFAFA, R5F100LGAFA, R5F100LHAFA,
R5F100LJAFA, R5F100LKAFA, R5F100LLAFA
#V0, #10, #30,
#X0, #50
PLQP0064JA-A
D
R5F100LCDFA, R5F100LDDFA, R5F100LEDFA,
R5F100LFDFA, R5F100LGDFA, R5F100LHDFA,
R5F100LJDFA, R5F100LKDFA, R5F100LLDFA
G
R5F100LCGFA, R5F100LDGFA, R5F100LEGFA,
R5F100LFGFA, R5F100LGGFA, R5F100LHGFA,
R5F100LJGFA
64-pin plastic
LQFP
(12
× 12 mm,
0.65-mm
pitch)
Not
mounted
A
R5F101LCAFA, R5F101LDAFA, R5F101LEAFA,
R5F101LFAFA, R5F101LGAFA, R5F101LHAFA,
R5F101LJAFA, R5F101LKAFA, R5F101LLAFA
#V0, #10, #30,
#X0, #50
PLQP0064JA-A
D
R5F101LCDFA, R5F101LDDFA, R5F101LEDFA,
R5F101LFDFA, R5F101LGDFA, R5F101LHDFA,
R5F101LJDFA, R5F101LKDFA, R5F101LLDFA
64-pin plastic
LFQFP
(10
× 10 mm,
0.5-mm
pitch)
Mounted A
R5F100LCAFB, R5F100LDAFB, R5F100LEAFB,
R5F100LFAFB, R5F100LGAFB, R5F100LHAFB,
R5F100LJAFB, R5F100LKAFB, R5F100LLAFB
#V0, #X0
PLQP0064KF-A
#10, #30, #50
PLQP0064KB-C
D
R5F100LCDFB, R5F100LDDFB, R5F100LEDFB,
R5F100LFDFB, R5F100LGDFB, R5F100LHDFB,
R5F100LJDFB, R5F100LKDFB, R5F100LLDFB
#V0, #X0
PLQP0064KF-A
#10, #30, #50
PLQP0064KB-C
G
R5F100LCGFB, R5F100LDGFB, R5F100LEGFB,
R5F100LFGFB, R5F100LGGFB, R5F100LHGFB,
R5F100LJGFB
#V0, #X0
PLQP0064KF-A
#10, #30, #50
PLQP0064KB-C
Not
mounted
A
R5F101LCAFB, R5F101LDAFB, R5F101LEAFB,
R5F101LFAFB, R5F101LGAFB, R5F101LHAFB,
R5F101LJAFB, R5F101LKAFB, R5F101LLAFB
#V0, #X0
PLQP0064KF-A
#10, #30, #50
PLQP0064KB-C
D
R5F101LCDFB, R5F101LDDFB, R5F101LEDFB,
R5F101LFDFB, R5F101LGDFB, R5F101LHDFB,
R5F101LJDFB, R5F101LKDFB, R5F101LLDFB
#V0, #X0
PLQP0064KF-A
#10, #30, #50
PLQP0064KB-C
64-pin plastic
VFBGA
(4
× 4 mm,
0.4-mm pitch)
Mounted A
R5F100LCABG, R5F100LDABG, R5F100LEABG,
R5F100LFABG, R5F100LGABG, R5F100LHABG,
R5F100LJABG
#U0, #W0
PVBG0064LA-A
G
R5F100LCGBG, R5F100LDGBG, R5F100LEGBG,
R5F100LFGBG, R5F100LGGBG, R5F100LHGBG,
R5F100LJGBG
Not
mounted
A
R5F101LCABG, R5F101LDABG, R5F101LEABG,
R5F101LFABG, R5F101LGABG, R5F101LHABG,
R5F101LJABG
#U0, #W0
PVBG0064LA-A
Note
For the fields of application, refer to Figure 1-1 Part Number, Memory Size, and Package of RL78/G13.
Caution The ordering part numbers represent the numbers at the time of publication. For the latest ordering part
numbers, refer to the target product page of the Renesas Electronics website.
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com