Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F101LF Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # R5F101LF
Description  True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F101LF Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button R5F101LF Datasheet HTML 9Page - Renesas Technology Corp R5F101LF Datasheet HTML 10Page - Renesas Technology Corp R5F101LF Datasheet HTML 11Page - Renesas Technology Corp R5F101LF Datasheet HTML 12Page - Renesas Technology Corp R5F101LF Datasheet HTML 13Page - Renesas Technology Corp R5F101LF Datasheet HTML 14Page - Renesas Technology Corp R5F101LF Datasheet HTML 15Page - Renesas Technology Corp R5F101LF Datasheet HTML 16Page - Renesas Technology Corp R5F101LF Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 207 page
background image
RL78/G13
1. OUTLINE
R01DS0131EJ0350 Rev.3.50
13 of 200
Jun 30, 2020
1.3.2 24-pin products
● 24-pin plastic HWQFN (4 × 4 mm, 0.5-mm pitch)
INDEX MARK
12
11
10
9
8
7
19
20
21
22
23
24
18 17 16 15 14 13
123 4 5 6
P17/TI02/TO02/SO11
P50/INTP1/SI11/SDA11
P30/INTP3/SCK11/SCL11
P31/TI03/TO03/INTP4/PCLBUZ0
P61/SDAA0
P60/SCLA0
RL78/G13
(Top View)
P21/ANI1/AVREFM
P20/ANI0/AVREFP
P01/ANI16/TO00/RxD1
P00/ANI17/TI00/TxD1
P40/TOOL0
RESET
exposed die pad
Caution
Connect the REGC pin to Vss via a capacitor (0.47 to 1 µF).
Remarks 1.
For pin identification, see 1.4 Pin Identification.
2.
It is recommended to connect an exposed die pad to Vss.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com