Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F101LF Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # R5F101LF
Description  True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F101LF Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button R5F101LF Datasheet HTML 17Page - Renesas Technology Corp R5F101LF Datasheet HTML 18Page - Renesas Technology Corp R5F101LF Datasheet HTML 19Page - Renesas Technology Corp R5F101LF Datasheet HTML 20Page - Renesas Technology Corp R5F101LF Datasheet HTML 21Page - Renesas Technology Corp R5F101LF Datasheet HTML 22Page - Renesas Technology Corp R5F101LF Datasheet HTML 23Page - Renesas Technology Corp R5F101LF Datasheet HTML 24Page - Renesas Technology Corp R5F101LF Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 207 page
background image
RL78/G13
1. OUTLINE
R01DS0131EJ0350 Rev.3.50
21 of 200
Jun 30, 2020
● 48-pin plastic HWQFN (7 × 7 mm, 0.5-mm pitch)
INDEX MARK
P120/ANI19
P41/TI07/TO07
P40/TOOL0
RESET
P124/XT2/EXCLKS
P123/XT1
P137/INTP0
P122/X2/EXCLK
P121/X1
REGC
VSS
VDD
24
23
22
21
20
19
18
17
16
15
14
13
37
38
39
40
41
42
43
44
45
46
47
48
36 35 34 33 32 31 30 29 28 27 26 25
1 2 3 4 5 6 7 8 9 10 11 12
P147/ANI18
P146
P10/SCK00/SCL00/(TI07)/(TO07)
P11/SI00/RxD0/TOOLRxD/SDA00/(TI06)/(TO06)
P12/SO00/TxD0/TOOLTxD/(TI05)/(TO05)
P13/TxD2/SO20/(SDAA0)/(TI04)/(TO04)
P14/RxD2/SI20/SDA20/(SCLA0)/(TI03)/(TO03)
P15/PCLBUZ1/SCK20/SCL20/(TI02)/(TO02)
P16/TI01/TO01/INTP5/(RxD0)
P17/TI02/TO02/(TxD0)
P51/INTP2/SO11
P50/INTP1/SI11/SDA11
RL78/G13
(Top View)
exposed die pad
Caution
Connect the REGC pin to Vss via a capacitor (0.47 to 1 µF).
Remarks 1. For pin identification, see 1.4 Pin Identification.
2. Functions in parentheses in the above figure can be assigned via settings in the peripheral I/O redirection
register (PIOR). Refer to Figure 4-8 Format of Peripheral I/O Redirection Register (PIOR) in the
RL78/G13 User’s Manual.
3. It is recommended to connect an exposed die pad to Vss.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com