Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705JJ7GRS/D Datasheet(PDF) 159 Page - NXP Semiconductors

Part # HC705JJ7GRS/D
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JJ7GRS/D Datasheet(HTML) 159 Page - NXP Semiconductors

Back Button HC705JJ7GRS/D Datasheet HTML 155Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 156Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 157Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 158Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 159Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 160Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 161Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 162Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 163Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 230 page
background image
Programmable Timer
Timer Registers (TMRH and TMRL)
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
General Release Specification
Programmable Timer
The TMRL latch is a transparent read of the LSB until a read of the
TMRH takes place. A read of the TMRH latches the LSB into the TMRL
location until the TMRL is again read. The latched value remains fixed
even if multiple reads of the TMRH take place before the next read of the
TMRL. Therefore, when reading the MSB of the timer at TMRH, the LSB
of the timer at TMRL must also be read to complete the read sequence.
During power-on reset (POR), the counter is initialized to $FFFC and
begins counting after the oscillator startup delay. Because the counter is
16 bits and preceded by a fixed prescaler, the value in the counter
repeats every 262,144 internal bus clock cycles (524,288 oscillator
cycles).
When the free-running counter rolls over from $FFFF to $0000, the timer
overflow flag bit (TOF) is set in the TSR. When the TOF is set, it can
generate an interrupt if the timer overflow interrupt enable bit (TOIE) is
also set in the TCR. The TOF flag bit can only be reset by reading the
TMRL after reading the TSR.
Other than clearing any possible TOF flags, reading the TMRH and
TMRL in any order or any number of times does not have any effect on
the 16-bit free-running counter.
$0018
Bit 7
654321
Bit 0
Read:
Bit 15
14
13
12
11
10
9
Bit 8
Write:
Reset:
11111111
$0019
Bit 7
654321
Bit 0
Read:
Bit 7
654321
Bit 0
Write:
Reset:
11111100
= Unimplemented
Figure 11-3. Programmable Timer Registers (TMRH and TMRL)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com