Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705JJ7GRS/D Datasheet(PDF) 163 Page - NXP Semiconductors

Part # HC705JJ7GRS/D
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JJ7GRS/D Datasheet(HTML) 163 Page - NXP Semiconductors

Back Button HC705JJ7GRS/D Datasheet HTML 159Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 160Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 161Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 162Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 163Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 164Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 165Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 166Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 167Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 230 page
background image
Programmable Timer
Input Capture Registers (ICRH and ICRL)
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
General Release Specification
Programmable Timer
The input capture registers are made up of two 8-bit read-only registers
(ICRH and ICRL) as shown in Figure 11-7. The input capture edge
detector contains a Schmitt trigger to improve noise immunity. The edge
that triggers the counter transfer is defined by the input edge bit (IEDG)
in the TCR. Reset does not affect the contents of the input capture
registers.
The result obtained by an input capture will be one count higher than the
value of the free-running timer counter preceding the external transition.
This delay is required for internal synchronization. Resolution is affected
by the prescaler, allowing the free-running timer counter to increment
once every four internal clock cycles (eight oscillator clock cycles).
Reading the ICRH inhibits future captures until the ICRL is also read.
Reading the ICRL after reading the timer status register (TSR) clears the
ICF flag bit. There is no conflict between reading the ICRL and transfers
from the free-running timer counters. The input capture registers always
contain the free-running timer counter value which corresponds to the
most recent input capture.
NOTE:
To prevent interrupts from occurring between readings of the ICRH and
ICRL, set the I bit in the condition code register (CCR) before reading
ICRH and clear the I bit after reading ICRL.
$0014
Bit 7
654321
Bit 0
Read:
Bit 15
14
13
12
11
10
9
Bit 8
Write:
Reset:
Unaffected by Reset
$0015
Bit 7
654321
Bit 0
Read:
Bit 7
654321
Bit 0
Write:
Reset:
Unaffected by Reset
= Unimplemented
Figure 11-7. Input Capture Registers (ICRH and ICRL)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com