Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705JJ7GRS/D Datasheet(PDF) 166 Page - NXP Semiconductors

Part # HC705JJ7GRS/D
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JJ7GRS/D Datasheet(HTML) 166 Page - NXP Semiconductors

Back Button HC705JJ7GRS/D Datasheet HTML 162Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 163Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 164Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 165Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 166Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 167Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 168Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 169Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 170Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 230 page
background image
Programmable Timer
General Release Specification
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
Programmable Timer
A software example of this procedure is shown in Table 11-1.
11.7 Timer Control Register (TCR)
The timer control register shown in Figure 11-10, performs the following
functions:
Enables input capture interrupts
Enables output compare interrupts
Enables timer overflow interrupts
Controls the active edge polarity of the TCAP signal
Controls the active level of the TCMP output
Reset clears all the bits in the TCR with the exception of the IEDG bit
which is unaffected.
Table 11-1. Output Compare Initialization Example
9B
...
...
B7
B6
BF
...
...
9A
16
13
17
SEI
...
...
STA
LDA
STX
...
...
CLI
OCRH
TSR
OCRL
DISABLE INTERRUPTS
.....
.....
INHIBIT OUTPUT COMPARE
ARM OCF FLAG FOR CLEARING
READY FOR NEXT COMPARE, OCF CLEARED
.....
.....
ENABLE INTERRUPTS
$0012
Bit 7
654321
Bit 0
Read:
ICIE
OCIE
TOIE
000
IEDG
OLVL
Write:
Reset:
000000
U
0
= Unimplemented
U = Unaffected
Figure 11-10. Timer Control Register (TCR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com