| Electronic Components Datasheet Search |
|
HC705JJ7GRS/D Datasheet(PDF) 167 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705JJ7GRS/D Datasheet(HTML) 167 Page - NXP Semiconductors |
|
167 / 230 page ![]() Programmable Timer Timer Control Register (TCR) MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0 General Release Specification Programmable Timer ICIE — Input Capture Interrupt Enable This read/write bit enables interrupts caused by an active signal on the TCAP pin or from CPF2 flag bit of the analog subsystem voltage comparator 2. Reset clears the ICIE bit. 1 = Input capture interrupts enabled 0 = Input capture interrupts disabled OCIE — Output Compare Interrupt Enable This read/write bit enables interrupts caused by an active match of the output compare function. Reset clears the OCIE bit. 1 = Output compare interrupts enabled 0 = Output compare interrupts disabled TOIE — Timer Overflow Interrupt Enable This read/write bit enables interrupts caused by a timer overflow. Reset clears the TOIE bit. 1 = Timer overflow interrupts enabled 0 = Timer overflow interrupts disabled IEDG — Input Capture Edge Select The state of this read/write bit determines whether a positive or negative transition triggers a transfer of the contents of the timer register to the input capture register. This transfer can occur due to transitions on the TCAP pin or the CPF2 flag bit of voltage comparator 2. Resets have no effect on the IEDG bit. 1 = Positive edge (low-to-high transition) triggers input capture 0 = Negative edge (high-to-low transition) triggers input capture NOTE: The IEDG bit must be set when either Mode 2 or 3 of the analog subsystem is being used for A/D conversions. Otherwise the input capture will not occur on the rising edge of the comparator 2 flag. OLVL — Output Compare Output Level Select The state of this read/write bit determines whether a logic one or a logic zero is transferred to the TCMP pin when a successful output compare occurs. Resets clear the OLVL bit. 1 = Signal to TCMP pin goes high on output compare 0 = Signal to TCMP pin goes low on output compare Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |