Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705JJ7GRS/D Datasheet(PDF) 169 Page - NXP Semiconductors

Part # HC705JJ7GRS/D
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JJ7GRS/D Datasheet(HTML) 169 Page - NXP Semiconductors

Back Button HC705JJ7GRS/D Datasheet HTML 165Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 166Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 167Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 168Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 169Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 170Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 171Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 172Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 173Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 230 page
background image
Programmable Timer
Timer Operation During Wait Mode
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
General Release Specification
Programmable Timer
TOF — Timer Overflow Flag
The TOF bit is automatically set when the 16-bit timer counter rolls
over from $FFFF to $0000. Clear the TOF bit by reading the timer
status register with the TOF set and then accessing the low byte
(TMRL, $0019) of the timer registers. Resets have no effect on TOF.
11.9 Timer Operation During Wait Mode
During wait mode, the 16-bit timer continues to operate normally and
may generate an interrupt to trigger the MCU out of wait mode.
11.10 Timer Operation During Stop Mode
When the MCU enters stop mode, the free-running counter stops
counting (the internal processor clock is stopped). It remains at that
particular count value until stop mode is exited by applying a low signal
to the IRQ/VPP pin, at which time the counter resumes from its stopped
value as if nothing had happened. If stop mode is exited via an external
reset (logic low applied to the RESET pin), the counter is forced to
$FFFC.
If a valid input capture edge occurs during stop mode, the input capture
detect circuitry will be armed. This action does not set any flags or wake
up the MCU, but when the MCU does wake up there will be an active
input capture flag (and data) from the first valid edge. If the stop mode is
exited by an external reset, no input capture flag or data will be present
even if a valid input capture edge was detected during stop mode.
11.11 Timer Operation During Halt Mode
When the MCU enters halt mode, the functions and states of the 16-bit
programmable timer are the same as for wait mode described in 11.9
Timer Operation During Wait Mode.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com