Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705JJ7GRS/D Datasheet(PDF) 168 Page - NXP Semiconductors

Part # HC705JJ7GRS/D
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JJ7GRS/D Datasheet(HTML) 168 Page - NXP Semiconductors

Back Button HC705JJ7GRS/D Datasheet HTML 164Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 165Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 166Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 167Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 168Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 169Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 170Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 171Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 172Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 230 page
background image
Programmable Timer
General Release Specification
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
Programmable Timer
11.8 Timer Status Register (TSR)
The timer status register (TSR) shown in Figure 11-11 contains flags for
the following events:
An active signal on the TCAP pin or the CPF2 flag bit of voltage
comparator 2 in the analog subsystem, transferring the contents
of the timer registers to the input capture registers
A match between the 16-bit counter and the output compare
registers, transferring the OLVL bit to the PB4/AN4/TCMP pin if
that pin is set as an output
An overflow of the timer registers from $FFFF to $0000
Writing to any of the bits in the TSR has no effect. Reset does not
change the state of any of the flag bits in the TSR.
ICF — Input Capture Flag
The ICF bit is automatically set when an edge of the selected polarity
occurs on the TCAP pin. Clear the ICF bit by reading the timer status
register with the ICF set, and then reading the low byte (ICRL, $0015)
of the input capture registers. Resets have no effect on ICF.
OCF — Output Compare Flag
The OCF bit is automatically set when the value of the timer registers
matches the contents of the output compare registers. Clear the OCF
bit by reading the timer status register with the OCF set and then
accessing the low byte (OCRL, $0017) of the output compare
registers. Resets have no effect on OCF.
$0013
Bit 7
654321
Bit 0
Read:
ICF
OCF
TOF
00000
Write:
Reset:
U
U
U
00000
= Unimplemented
U = Unaffected
Figure 11-11. Timer Status Register (TSR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com