Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F101LEDXXXFB Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # R5F101LEDXXXFB
Description  True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F101LEDXXXFB Datasheet(HTML) 3 Page - Renesas Technology Corp

  R5F101LEDXXXFB Datasheet HTML 1Page - Renesas Technology Corp R5F101LEDXXXFB Datasheet HTML 2Page - Renesas Technology Corp R5F101LEDXXXFB Datasheet HTML 3Page - Renesas Technology Corp R5F101LEDXXXFB Datasheet HTML 4Page - Renesas Technology Corp R5F101LEDXXXFB Datasheet HTML 5Page - Renesas Technology Corp R5F101LEDXXXFB Datasheet HTML 6Page - Renesas Technology Corp R5F101LEDXXXFB Datasheet HTML 7Page - Renesas Technology Corp R5F101LEDXXXFB Datasheet HTML 8Page - Renesas Technology Corp R5F101LEDXXXFB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 207 page
background image
RL78/G13
1. OUTLINE
R01DS0131EJ0350 Rev.3.50
3 of 200
Jun 30, 2020
1.2 List of Part Numbers
Figure 1-1. Part Number, Memory Size, and Package of RL78/G13
F : Flash memory
100 : Data flash is provided
101 : Data flash is not provided
Note2
RL78/G13 group
ROM capacity:
Package type:
Renesas MCU
Renesas semiconductor product
Pin count:
Fields of application:
Memory type:
Packaging specifications
#U0, #00, #20 : Tray (HWQFN, VFBGA, WFLGA)
#V0, #10, #30 : Tray (LFQFP, LQFP, TSSOP20, LSSOP20, LSSOP30)
#W0, #40 : Embossed Tape (HWQFN, VFBGA, WFLGA)
#X0, #50 : Embossed Tape (LFQFP, LQFP, TSSOP, LSSOP)
SM: TSSOP, 0.65-mm pitch
SP : LSSOP, 0.65-mm pitch
FP : LQFP, 0.80-mm pitch
FA : LQFP, 0.65-mm pitch
FB : LFQFP, 0.50-mm pitch
NA : HWQFN, 0.50-mm pitch
LA : WFLGA, 0.50-mm pitch
Note1
BG : VFBGA, 0.40-mm pitch
Note1
ROM number (Omitted with blank products)
A : Consumer applications, operating ambient temperature : -40°C to +85°C
D : Industrial applications, operating ambient temperature : -40°C to +85°C
G : Industrial applications, operating ambient temperature : -40°C to +105°C
A : 16 KB
C : 32 KB
D : 48 KB
E : 64 KB
F : 96 KB
G : 128 KB
H : 192 KB
J : 256 KB
K : 384 KB
Note2
L : 512 KB
Note2
6 : 20-pin
7 : 24-pin
8 : 25-pin
Note1
A : 30-pin
B : 32-pin
C : 36-pin
Note1
E : 40-pin
F : 44-pin
G : 48-pin
J : 52-pin
L : 64-pin
M : 80-pin
P : 100-pin
S : 128-pin
Note2
R 5 F 1 0 0 L E A x x x F B #V0
Ordering part number
Product name
Notes
1. Products only for “A: Consumer applications (TA = –40 to +85°C)”, and "G: Industrial applications (TA =
–40 to +105°C)"
2. Products only for “A: Consumer applications (TA = –40 to +85°C)”, and "D: Industrial applications (TA = –40
to +85°C)"
<R>
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com