Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F101LEDXXXFB Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # R5F101LEDXXXFB
Description  True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F101LEDXXXFB Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button R5F101LEDXXXFB Datasheet HTML 13Page - Renesas Technology Corp R5F101LEDXXXFB Datasheet HTML 14Page - Renesas Technology Corp R5F101LEDXXXFB Datasheet HTML 15Page - Renesas Technology Corp R5F101LEDXXXFB Datasheet HTML 16Page - Renesas Technology Corp R5F101LEDXXXFB Datasheet HTML 17Page - Renesas Technology Corp R5F101LEDXXXFB Datasheet HTML 18Page - Renesas Technology Corp R5F101LEDXXXFB Datasheet HTML 19Page - Renesas Technology Corp R5F101LEDXXXFB Datasheet HTML 20Page - Renesas Technology Corp R5F101LEDXXXFB Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 207 page
background image
RL78/G13
1. OUTLINE
R01DS0131EJ0350 Rev.3.50
17 of 200
Jun 30, 2020
1.3.6 36-pin products
● 36-pin plastic WFLGA (4 × 4 mm, 0.5-mm pitch)
Top View
Bottom View
FED
C
BA
ABC
D
EF
6
5
4
3
2
1
RL78/G13
(Top View)
INDEX MARK
A
B
C
D
E
F
6
P60/SCLA0
VDD
P121/X1
P122/X2/EXCLK
P137/INTP0
P40/TOOL0
6
5
P62
P61/SDAA0
VSS
REGC
RESET
P120/ANI19
5
4
P72/SO21
P71/SI21/
SDA21
P14/RxD2/SI20/
SDA20/(SCLA0)
/(TI03)/(TO03)
P31/TI03/TO03/
INTP4/
PCLBUZ0
P00/TI00/TxD1
P01/TO00/RxD1
4
3
P50/INTP1/
SI11/SDA11
P70/SCK21/
SCL21
P15/PCLBUZ1/
SCK20/SCL20/
(TI02)/(TO02)
P22/ANI2
P20/ANI0/
AVREFP
P21/ANI1/
AVREFM
3
2
P30/INTP3/
SCK11/SCL11
P16/TI01/TO01/
INTP5/(RxD0)
P12/SO00/
TxD0/TOOLTxD
/(TI05)/(TO05)
P11/SI00/RxD0/
TOOLRxD/
SDA00/(TI06)/
(TO06)
P24/ANI4
P23/ANI3
2
1
P51/INTP2/
SO11
P17/TI02/TO02/
(TxD0)
P13/TxD2/
SO20/(SDAA0)/
(TI04)/(TO04)
P10/SCK00/
SCL00/(TI07)/
(TO07)
P147/ANI18
P25/ANI5
1
A
B
C
D
E
F
Caution
Connect the REGC pin to Vss via a capacitor (0.47 to 1 µF).
Remarks 1. For pin identification, see 1.4 Pin Identification.
2. Functions in parentheses in the above figure can be assigned via settings in the peripheral I/O redirection
register (PIOR). Refer to Figure 4-8 Format of Peripheral I/O Redirection Register (PIOR) in the
RL78/G13 User’s Manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com