Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT49LL080 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT49LL080
Description  8-megabit Low-pin Count Flash Memory
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49LL080 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT49LL080 Datasheet HTML 1Page - ATMEL Corporation AT49LL080 Datasheet HTML 2Page - ATMEL Corporation AT49LL080 Datasheet HTML 3Page - ATMEL Corporation AT49LL080 Datasheet HTML 4Page - ATMEL Corporation AT49LL080 Datasheet HTML 5Page - ATMEL Corporation AT49LL080 Datasheet HTML 6Page - ATMEL Corporation AT49LL080 Datasheet HTML 7Page - ATMEL Corporation AT49LL080 Datasheet HTML 8Page - ATMEL Corporation AT49LL080 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
1
Pin Configuration
PLCC
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
[A7] GPI1
[A6] GPI0
[A5] WP
[A4] TBL
[A3] ID3
[A2] ID2
[A1] ID1
[A0] NC
[I/O0] LAD0
IC (VIL) [IC(VIH)]
CE [NC]
NC
NC
VCC [VCC]
INIT [OE]
LFRAME [WE]
RFU [RY/BY]
RFU [I/O7]
[ ] Designates A/A Mux Mode
Features
Conforms to Intel LPC Interface Specification 1.0
8M Bits of Flash Memory for Platform Code/Data Storage
– Automated Byte-program and Sector-erase Operations
Two Configurable Interfaces
– Low Pin Count (LPC) Interface for In-System Operation
– Address/Address Multiplexed (A/A Mux) Interface for Programming during
Manufacturing
Low Pin Count Hardware Interface Mode
– 5-signal Communication Interface Supporting x8 Reads and Writes
– Read and Write Protection for Each Sector Using Software-controlled Registers
– Two Hardware Write-protect Pins: One for the Top Boot Sector, One for All Other
Sectors
– Five General-purpose Inputs, GPIs, for Platform Design Flexibility
– Operates with 33 MHz PCI Clock and 3.3V I/O
Address/Address Multiplexed (A/A Mux) Interface
– 11-pin Multiplexed Address and 8-pin Data Interface
– Supports Fast On-board or Out-of-system Programming
Power Supply Specifications
–VCC: 3.3V ± 0.3V
–V
PP: 3.3V and 12V for Fast Programming
Industry-standard Package
– 40-lead TSOP or 32-lead PLCC
Description
The AT49LL080 is a Flash memory device designed to interface with the LPC bus for
PC Applications. A feature of the AT49LL080 is the nonvolatile memory core. The
high-performance memory is arranged in sixteen sectors (see page 11).
The AT49LL080 supports two hardware interfaces: Low Pin Count (LPC) for in-system
operation and Address/Address Multiplexed (A/A Mux) for programming during manu-
facturing. The IC (Interface Configuration) pin of the device provides the control
between the interfaces. The interface mode needs to be selected prior to power-up or
before return from reset (RST or INIT low to high transition).
8-megabit
Low-pin Count
Flash Memory
AT49LL080
Rev. 3273C–FLASH–5/03
TSOP, Type I
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
(NC) CE
[IC (VIH)] IC (VIL)
[NC] NC
[NC] NC
[NC] NC
[NC] NC
[A10] GPI4
[NC] NC
[R/C] CLK
[VCC] VCC
[VPP] VPP
[RST] RST
[NC] NC
[NC] NC
[A9] GPI3
[A8] GPI2
[A7] GPI1
[A6] GPI0
[A5] WP
[A4] TBL
GNDa [GNDa]
VCCa [VCCa]
LFRAME [WE]
INIT [OE]
RFU [RY/BY]
RFU [I/O7]
RFU [I/O6]
RFU [I/O5]
RFU [I/O4]
VCC [VCC]
GND [GND]
GND [GND]
LAD3 [I/O3]
LAD2 [I/O2]
LAD1 [I/O1]
LAD0 [I/O0]
NC [A0]
ID1 [A1]
ID2 [A2]
ID3 [A3]
[ ] Designates A/A Mux Mode


Similar Part No. - AT49LL080

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49LD3200 ATMEL-AT49LD3200 Datasheet
449Kb / 39P
32-megabit (1M x 32 or 2M x 16) High-speed Synchronous Flash Memory
AT49LD3200-10 ATMEL-AT49LD3200-10 Datasheet
449Kb / 39P
32-megabit (1M x 32 or 2M x 16) High-speed Synchronous Flash Memory
AT49LD3200-10TC ATMEL-AT49LD3200-10TC Datasheet
449Kb / 39P
32-megabit (1M x 32 or 2M x 16) High-speed Synchronous Flash Memory
AT49LD3200-10TI ATMEL-AT49LD3200-10TI Datasheet
449Kb / 39P
32-megabit (1M x 32 or 2M x 16) High-speed Synchronous Flash Memory
AT49LD3200-13 ATMEL-AT49LD3200-13 Datasheet
449Kb / 39P
32-megabit (1M x 32 or 2M x 16) High-speed Synchronous Flash Memory
More results

Similar Description - AT49LL080

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M50LPW080 STMICROELECTRONICS-M50LPW080 Datasheet
272Kb / 44P
8 Mbit 1Mb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
02-Aug-2004
logo
ATMEL Corporation
AT49LH004 ATMEL-AT49LH004 Datasheet
326Kb / 36P
4-megabit Firmware Hub and Low-Pin Count Flash Memory
AT49LW040 ATMEL-AT49LW040 Datasheet
465Kb / 34P
8-megabit and 4-megabit Firmware Hub Flash Memory
AT49LH002 ATMEL-AT49LH002 Datasheet
354Kb / 36P
2-megabit Firmware Hub and Low-Pin Count Flash Memory
AT52BR3228A ATMEL-AT52BR3228A Datasheet
369Kb / 46P
32-megabit Flash 4-megabit/ 8-megabit SRAM Stack Memory
AT49LH00B4 ATMEL-AT49LH00B4 Datasheet
322Kb / 36P
4-megabit Top Boot, Bottom Partitioned Firmware Hub and Low-Pin Count Flash Memory
logo
List of Unclassifed Man...
EN29F080 ETC-EN29F080 Datasheet
214Kb / 37P
8 Megabit (1024K x 8-bit) Flash Memory
logo
AMIC Technology
A49LF040 AMICC-A49LF040 Datasheet
570Kb / 31P
4 Mbit CMOS 3.3Volt-only Low Pin Count Flash Memory
A49LF040A AMICC-A49LF040A Datasheet
607Kb / 32P
4 Mbit CMOS 3.3Volt-only Low Pin Count Flash Memory
logo
ATMEL Corporation
AT49BV040B ATMEL-AT49BV040B Datasheet
355Kb / 21P
4-megabit (512K x 8) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com