Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW28NK60Z Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW28NK60Z
Description  N-CHANNEL 600 V - 0.155??- 27A TO-247 Zener-Protected SuperMESH MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW28NK60Z Datasheet(HTML) 1 Page - STMicroelectronics

  STW28NK60Z Datasheet HTML 1Page - STMicroelectronics STW28NK60Z Datasheet HTML 2Page - STMicroelectronics STW28NK60Z Datasheet HTML 3Page - STMicroelectronics STW28NK60Z Datasheet HTML 4Page - STMicroelectronics STW28NK60Z Datasheet HTML 5Page - STMicroelectronics STW28NK60Z Datasheet HTML 6Page - STMicroelectronics STW28NK60Z Datasheet HTML 7Page - STMicroelectronics STW28NK60Z Datasheet HTML 8Page - STMicroelectronics STW28NK60Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
November 2004
STW28NK60Z
N-CHANNEL 600 V - 0.155
Ω - 27A TO-247
Zener-Protected SuperMESH™ MOSFET
Table 1: General Features
s
TYPICAL RDS(on) = 0.155 Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
GATE CHARGE MINIMIZED
s
VERY LOW INTRINSIC CAPACITANCES
s
VERY GOOD MANUFACTURING
REPEATIBILITY
DESCRIPTION
The SuperMESH™ series is obtained through an
extreme optimization of ST’s well established
strip-based PowerMESH™ layout. In addition to
pushing on-resistance significantly down, special
care is taken to ensure a very good dv/dt capability
for the most demanding application. Such series
complements ST full range of high vltage MOS-
FETs including revolutionary MSmesh™ products.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
IDEAL FOR OFF-LINE POWER SUPPLIES
s
WELDING MACHINES
s
LIGHTING
Table 2: Order Codes
Figure 1: Package
Figure 2: Internal Schematic Diagram
TYPE
VDSS
RDS(on)
ID
PW
STW28NK60Z
600 V
< 0.185
Ω
27 A
350 W
1
2
3
TO-247
PART NUMBER
MARKING
PACKAGE
PACKAGING
STW28NK60Z
W28NK60Z
TO-247
TUBE
Rev. 1


Similar Part No. - STW28NK60Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW28N60DM2 STMICROELECTRONICS-STW28N60DM2 Datasheet
1Mb / 20P
Extremely low gate charge and input capacitance
09-Dec-2015
STW28N60M2 STMICROELECTRONICS-STW28N60M2 Datasheet
1Mb / 21P
Extremely low gate charge
14-Mar-2017
STW28N60M2 STMICROELECTRONICS-STW28N60M2 Datasheet
1Mb / 21P
N-channel 600 V, 0.135 Ω typ., 22 A MDmesh™ M2 Power MOSFETs in D²PAK, I²PAK, TO-220 and TO-247
14-Mar-2017
STW28N65M2 STMICROELECTRONICS-STW28N65M2 Datasheet
1Mb / 22P
Extremely low gate charge
09-Dec-2014
logo
Inchange Semiconductor ...
STW28N65M2 ISC-STW28N65M2 Datasheet
352Kb / 2P
isc N-Channel Mosfet Transistor
More results

Similar Description - STW28NK60Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW12NK80Z STMICROELECTRONICS-STW12NK80Z Datasheet
299Kb / 9P
N-CHANNEL 800V - 0.65ohm - 10.5A TO-247 Zener-Protected SuperMESH?줡ower MOSFET
Oct-2002
STW18NK80Z STMICROELECTRONICS-STW18NK80Z Datasheet
309Kb / 9P
N-CHANNEL 800V - 0.34Ω - 19A TO-247 Zener-Protected SuperMESH™Power MOSFET
July 2003
STW18NK60Z STMICROELECTRONICS-STW18NK60Z Datasheet
206Kb / 9P
N-CHANNEL 600V - 0.27??- 16A TO-247 Zener-Protected SuperMESH??MOSFET
Apr-2004
STW13NK80Z STMICROELECTRONICS-STW13NK80Z Datasheet
310Kb / 9P
N-CHANNEL 800V - 0.53W - 12A TO-247 Zener-Protected SuperMESH Power MOSFET
Jul-2003
STW15NK90Z STMICROELECTRONICS-STW15NK90Z Datasheet
208Kb / 9P
N-CHANNEL 900V-0.40ohm-15A TO-247 Zener-Protected SuperMESH MOSFET
Apr-2004
STW52NK25Z STMICROELECTRONICS-STW52NK25Z Datasheet
232Kb / 10P
N-CHANNEL 250V - 0.033??- 52A TO-247 Zener-Protected SuperMESH??MOSFET
22-Nov-2004
STW54NK30Z STMICROELECTRONICS-STW54NK30Z Datasheet
267Kb / 10P
N-CHANNEL 300V - 0.052??- 54A TO-247 Zener-Protected SuperMESH??MOSFET
31-Jan-2005
STW29NK50Z STMICROELECTRONICS-STW29NK50Z Datasheet
487Kb / 10P
N-CHANNEL 500 V - 0.105ohm - 31A TO-247 Zener-Protected SuperMESH MOSFET
2004-Oct-19
STW11NK90Z STMICROELECTRONICS-STW11NK90Z Datasheet
239Kb / 12P
N-channel 900V - 0.82OHM - 9.2A - TO-247 Zener-protected SuperMESH Power MOSFET
25-Jul-2006
STF16NK60Z STMICROELECTRONICS-STF16NK60Z Datasheet
751Kb / 15P
N-channel 600 V, 038 Ω, 14 A, TO-220, TO-220FP, TO-247 Zener-protected SuperMESH™Power MOSFET
04-Dec-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com