Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTP8803-1AIPVPBF Datasheet(PDF) 12 Page - Analog Devices

Part # LTP8803-1AIPVPBF
Description  160A DC/DC Power μModule Regulator with PMBus Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTP8803-1AIPVPBF Datasheet(HTML) 12 Page - Analog Devices

Back Button LTP8803-1AIPVPBF Datasheet HTML 8Page - Analog Devices LTP8803-1AIPVPBF Datasheet HTML 9Page - Analog Devices LTP8803-1AIPVPBF Datasheet HTML 10Page - Analog Devices LTP8803-1AIPVPBF Datasheet HTML 11Page - Analog Devices LTP8803-1AIPVPBF Datasheet HTML 12Page - Analog Devices LTP8803-1AIPVPBF Datasheet HTML 13Page - Analog Devices LTP8803-1AIPVPBF Datasheet HTML 14Page - Analog Devices LTP8803-1AIPVPBF Datasheet HTML 15Page - Analog Devices LTP8803-1AIPVPBF Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
LTP8803-1A
12
Rev. 0
For more information www.analog.com
PMBus COMMUNICATION AND COMMAND
PROCESSING
The LTP8803-1A series communicate through PMBus
with other compliant devices. The LTP8803-1A is always
configured as a subordinate device in the overall system,
requiring a two-wire interface with one data pin (SDA) and
one clock pin (SCL). As subordinate devices, LTP8803-1A
power μModule ICs decode the command sent from the
main device and respond accordingly. Data transfer of
the PMBus subordinate is based on PMBus commands.
According to the PMBus/SMBus/I2C communication
protocol, all PMBus commands start with a subordinate
address with the R/W bit cleared (set to 0), followed by
the command code, with mostly the stop bit as the last
bit in a complete data transfer.
Commands can be categorized as send, read, or write
types. For read or write commands, data is transferred
between devices in a byte wide format. For send com-
mands, the subordinate device execute the commands
upon receiving the stop bit. To ensure robust communica-
tion, the main and subordinate devices send acknowledge
(ACK) or no acknowledge (NACK) bits as a method of
handshaking, eliminating the busy errors between devices.
Manufacturer-specific extended commands are also sup-
ported by LTP8803-1A. These commands follow the same
protocol as the standard PMBus commands. However, the
command code consists of two bytes: Command code
extension (0xFE) and Extended command code (0x00
to 0xFF). By use of the manufacturer-specific extended
commands, the PMBus command set is greatly extended.
The detailed information of standard PMBus and manu-
facturer-specific commands can be found in the ADP1055
data sheet.
PMBus ADDRESS SELECTION
The PMBus address is set by connecting an external resis-
tor from the ADD pin to GND. Table 2 lists the recom-
mended resistor values and associated PMBus addresses.
Table 2. Recommended Resistor Values and Associated
PMBus Addresses
PMBus ADDRESS
1% RESISTOR ON ADD PIN (Ω)
0x40
210 (or Connect to GND)
0x41
750
0x42
1330
0x43
2050
0x44
2670
0x45
3570
0x46
4420
0x47
5360
0x48
6340
0x49
7320
0x4A
8450
0x4B
9530
0x4C
10,700
0x4D
12,100
0x4E
13,700
0x4F
15,000 (or Connect to 3V3)
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com