Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTP8803-1AIPVPBF Datasheet(PDF) 15 Page - Analog Devices

Part # LTP8803-1AIPVPBF
Description  160A DC/DC Power μModule Regulator with PMBus Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTP8803-1AIPVPBF Datasheet(HTML) 15 Page - Analog Devices

Back Button LTP8803-1AIPVPBF Datasheet HTML 11Page - Analog Devices LTP8803-1AIPVPBF Datasheet HTML 12Page - Analog Devices LTP8803-1AIPVPBF Datasheet HTML 13Page - Analog Devices LTP8803-1AIPVPBF Datasheet HTML 14Page - Analog Devices LTP8803-1AIPVPBF Datasheet HTML 15Page - Analog Devices LTP8803-1AIPVPBF Datasheet HTML 16Page - Analog Devices LTP8803-1AIPVPBF Datasheet HTML 17Page - Analog Devices LTP8803-1AIPVPBF Datasheet HTML 18Page - Analog Devices LTP8803-1AIPVPBF Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
LTP8803-1A
15
Rev. 0
For more information www.analog.com
Figure 11. 1.15V 160A 600kHz Step-Down μModule with Unity Gain for Faster Transient Response
3.3k
3.3k
5k
10k
VIN
SYNC
CTRL
SDA
SMBALERT
SMBALERT
SCL
VS–
VS+
VOUT
C1
47µF
C2
4.7µF
3V3
SCL
SDA
ON/OFF CTRL
SYNC CLOCK
LTP8803-1A
88031a F11
7V0
3V3
VIN
45V TO 65V
7V
3V3
GND
VOUT
1.15V
160A
C3
10µF
×18
210Ω
1.00k
100pF
ADD
7.5Ω
C4
100µF
×8
C5
560µF
×10
ISHARE
C5: 560 F EEFGX0D561R
C4: GRM32EC80J107ME20L
C3: C1608X7S0J106M080AC
C1: EEEFK2A220P
C2: GRM31CR72A225KA73L
TYPICAL APPLICATION
Utilizing unity gain provides better DC accuracy and
transient response. See Compensation section for
determining PID settings for optimal loop response.
LTP8803-1A requires the following registers to be adjusted
for correct output voltage and are listed in Table 3.
Table 3. Unity Gain Application PMBus Commands
REGISTER OFFSETS
ADI FACTORY SETTINGS
UNITY GAIN APPLICATION SETTINGS
VOUT_COMMAND (0x21h)
0x499Ah
0x499Ah
VOUT_SCALE_LOOP (0x29h)
0xAB7Ah
0xBA00h
VOUT_SCALE_MONITOR (0x2Ah)
0xAB7Ah
0xBA00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com