Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFE201612E-R33M Datasheet(PDF) 4 Page - Analog Devices

Part # DFE201612E-R33M
Description  500mV to 5.5V Input nanoPower Boost Converter with Short-Circuit Protection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DFE201612E-R33M Datasheet(HTML) 4 Page - Analog Devices

  DFE201612E-R33M Datasheet HTML 1Page - Analog Devices DFE201612E-R33M Datasheet HTML 2Page - Analog Devices DFE201612E-R33M Datasheet HTML 3Page - Analog Devices DFE201612E-R33M Datasheet HTML 4Page - Analog Devices DFE201612E-R33M Datasheet HTML 5Page - Analog Devices DFE201612E-R33M Datasheet HTML 6Page - Analog Devices DFE201612E-R33M Datasheet HTML 7Page - Analog Devices DFE201612E-R33M Datasheet HTML 8Page - Analog Devices DFE201612E-R33M Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
500mV to 5.5V Input nanoPower
Boost Converter with Short-Circuit
Protection
and True Shutdown
MAX18000
www.analog.com
Analog Devices | 4
Electrical Characteristics
(VIN = 3V, VOUT = 3.3V, EN = HIGH, TJ = -40°C to +125°C, unless otherwise specified, (Note 2).)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage Range
VIN
Input Range after start-up (Note 3)
0.5
5.5
V
Input Voltage UVLO
VIN_UVLO
VIN Rising, When VOUT is 1V or below
1.75
1.8
1.85
V
VIN Falling, When VOUT is 1V or below
1.65
1.7
1.75
Supply Current Into
OUT
IQ_OUT
VEN = VIN, Not Switching, VOUT = 105%
of Target Voltage, TJ = +25°C, RSEL =
191KΩ
512
800
nA
Supply Current Into IN
IQ_IN
VEN = VIN, Not Switching, VOUT = 105%
of Target Voltage, TJ = +25°C
-100
+10
+100
nA
Input Shutdown Current
ISD_IN
VEN = VOUT = 0V, TJ = +25°C
7
36
nA
LX Maximum Duty
Cycle
DC_NPWR
TJ = +25°C (Note 4)
85
%
POWER SWITCHES
High-Side RDSON
RDS_H
60
90
Low-Side RDSON
RDS_L
30
60
OUTPUT VOLTAGE
Output Voltage Range
VOUT
(Note 3, Note 8)
2.5
5.5
V
Output Accuracy
VOUT_ACC
Measured when the part exits nanoPower
Mode and is in Skip Mode (Note 5)
-1
+1
%
DC Load Regulation
ACCLOAD
Load from 20mA to IOUT at 80% of Peak
Inductor Current
-1
%
DC Line Regulation
ACCLINE
Duty Cycle varied from 25% to Maximum
-1
%
LX SWITCHING WAVEFORMS
Switching Frequency
FSW
VIN = 3.3V, VOUT - VIN > 0.25V, PWM
mode, TJ = 25°C
2
MHz
LX TON
TON_3.3V
VIN = 3.3V, VOUT = 5V
136
170
204
ns
TON_1.8V
VIN = 1.8V, VOUT = 5V
256
320
384
LX Minimum TON
TONMIN
VIN = 3V, VOUT = 3.3V
50
60
70
ns
LX Minimum TOFF
TOFFMIN
VIN = 3V, VOUT = 3.3V
50
60
70
ns
LIGHT LOAD CONDITION
Zero-Crossing
Threshold
IZX_LX
(Note 6)
75
150
225
mA
nanoPower regulation
Hysteresis
VNPWR_HYS
VIN = 3V, VOUT = 3.3V (Note 9)
66
83
132
mV
STARTUP
Soft-Start Time
tSS_LINEAR
Target VIN = VOUT
= 3.6V, Linear
Mode, COUTEFF =
22μ , TJ = 25°C
In linear phase
350
µs
Soft-Start Rate
dV/dt
VIN = 3.6V, VOUT
from 3.3V to 5V,
COUTEFF = 22μ ,
TJ = 25°C
In boost phase
3
V/ms
ENABLE, RSEL, ACTIVE DISCHARGE
Required Select
Resistor Accuracy
ACCRSEL
Use the resistor from RSEL Selection
Table.
±1
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com