Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6234PD Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6234PD
Description  Three phase motor driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6234PD Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6234PD Datasheet HTML 3Page - STMicroelectronics L6234PD Datasheet HTML 4Page - STMicroelectronics L6234PD Datasheet HTML 5Page - STMicroelectronics L6234PD Datasheet HTML 6Page - STMicroelectronics L6234PD Datasheet HTML 7Page - STMicroelectronics L6234PD Datasheet HTML 8Page - STMicroelectronics L6234PD Datasheet HTML 9Page - STMicroelectronics L6234PD Datasheet HTML 10Page - STMicroelectronics L6234PD Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
L6234
Electrical characteristics
Doc ID 1107 Rev 10
7/16
5
Electrical characteristics
VS = 42 V; Tj = 25 °C unless otherwise specified.
Table 6.
Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VS
Supply voltage
7
52
V
Vref
Reference voltage
10
V
IS
Quiescent supply current
6.5
mA
TS
Thermal shutdown
150
°C
TD
Dead time protection
300
ns
Output dmos transistor
IDSS
Leakage current
1
mA
RDSon
ON resistance
0.3
Ω
Source drain diode
VSD
Forward ON voltage
ISD = 4A; EN =
LOW
1.2
V
TRR
Reverse recovery time
IF = 4A
900
ns
Tpr
Forward recovery time
200
ns
Logic levels
VINL, VENL Input LOW voltage
-0.3
0.8
V
VINH, VENH Input HIGH voltage
2
7
V
IINL, IENL
Input LOW current
VIN,VEN = L
-10
µA
IINH, IENH Input HIGH current
VIN,VEN = H
30
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com