Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6234PD Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6234PD
Description  Three phase motor driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6234PD Datasheet(HTML) 4 Page - STMicroelectronics

  L6234PD Datasheet HTML 1Page - STMicroelectronics L6234PD Datasheet HTML 2Page - STMicroelectronics L6234PD Datasheet HTML 3Page - STMicroelectronics L6234PD Datasheet HTML 4Page - STMicroelectronics L6234PD Datasheet HTML 5Page - STMicroelectronics L6234PD Datasheet HTML 6Page - STMicroelectronics L6234PD Datasheet HTML 7Page - STMicroelectronics L6234PD Datasheet HTML 8Page - STMicroelectronics L6234PD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Pin connections
L6234
4/16
Doc ID 1107 Rev 10
2
Pin connections
Figure 2.
Pin connections
Table 2.
Pin functions
PowerDIP PowerSO20
Name
Function
1
20
10
6
5
15
OUT 1
OUT 2
OUT 3
Output of the channels 1/2/3.
2
19
9
7
4
14
IN 1
IN 2
IN 3
Logic input of channels 1/2/3. A logic HIGH level (when the
corresponding EN pin is HIGH) switches ON the upper DMOS
Power Transistor, while a logic LOW switches ON the
corresponding low side DMOS Power.
3
18
8
8
3
13
EN 1
EN 2
EN 3
Enable of the channels 1/2/3. A logic LOW level on this pin
switches off both power DMOS of the related channel.
4,7
9, 12
Vs
Power supply voltage.
14
19
SENSE2
A sense resistor connected to this pin provides feedback for
motor current control for the bridge 3.
17
2
SENSE1
A sense resistor connected to this pin provides feedback for
motor current control for the bridges 1 and 2.
11
16
VREF
Internal voltage reference. A capacitor connected from this pin
to GND increases the stability of the Power DMOS drive
circuit.
12
17
VCP
Bootstrap oscillator. Oscillator output for the external charge
pump.
13
18
VBOOT
Overvoltage input to drive the upper DMOS
5,6
15,16
1,10
11,20
GND
Common ground terminal. In PowerDIP and SO packages
these pins are used to dissipate the heat forward the PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com