Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4185 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SC4185
Description  SILICON TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4185 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SC4185 Datasheet HTML 1Page - Renesas Technology Corp 2SC4185 Datasheet HTML 2Page - Renesas Technology Corp 2SC4185 Datasheet HTML 3Page - Renesas Technology Corp 2SC4185 Datasheet HTML 4Page - Renesas Technology Corp 2SC4185 Datasheet HTML 5Page - Renesas Technology Corp 2SC4185 Datasheet HTML 6Page - Renesas Technology Corp 2SC4185 Datasheet HTML 7Page - Renesas Technology Corp 2SC4185 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2SC4185
2
TYPICAL CHARACTERISTICS (TA = 25 ˚C)
TA - Ambient Temperature - ˚C
Free Air
200
150
100
50
0
50
100
150
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
20
16
12
8
4
0
VCE - Collector to Emitter Voltage - V
4
8
20
12
16
DC CURRENT GAIN vs.
COLLECTOR CURRENT
140
120
100
80
60
0
IC - Collector Current - mA
1
5
50
10
20
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
20
16
12
8
4
0
VBE - Base to Emitter Voltage - V
0.2
0.4
1.0
0.6
0.8
VCE = 10 V
PT = 150 mW
160 A
IB = 20 A
140 A
120 A
100 A
80 A
60 A
40 A
180 A
3
30
VCE = 10 V
10
VCB - Collector to Base Voltage - V
2
3
100
5
10
20 30
50
2.0
5.0
1.0
0.2
0.5
f = 1 MHz
GAIN BANDWIDTH PRODUCT vs.
EMITTER CURRENT
10 000
IE - Emitter Current - mA
–2.0
–100
–5.0
–10
–20
–50
2 000
5 000
1 000
200
500
VCE = 10 V
3 000
100
–1.0
TOTAL POWER DISSIPATIOH vs.
AMBIENT TEMPERATURE
µ
µ
µ
µ
µ
µ
µ
µ
µ
COLLECTOR CAPACITANCE vs.
COLLECTOR TO BASE VOLTAGE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com