Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4185 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 2SC4185
Description  SILICON TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4185 Datasheet(HTML) 7 Page - Renesas Technology Corp

  2SC4185 Datasheet HTML 1Page - Renesas Technology Corp 2SC4185 Datasheet HTML 2Page - Renesas Technology Corp 2SC4185 Datasheet HTML 3Page - Renesas Technology Corp 2SC4185 Datasheet HTML 4Page - Renesas Technology Corp 2SC4185 Datasheet HTML 5Page - Renesas Technology Corp 2SC4185 Datasheet HTML 6Page - Renesas Technology Corp 2SC4185 Datasheet HTML 7Page - Renesas Technology Corp 2SC4185 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
2SC4185
5
VCE = 10 V, IC = 3 mA
Frequency
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.000
0.833
–38.7
8.311
149.3
0.037
73.0
0.934
–14.4
200.000
0.692
–67.4
6.682
128.1
0.058
58.4
0.809
–21.5
300.000
0.555
–90.0
5.274
112.1
0.074
51.6
0.703
–26.2
400.000
0.478
–106.8
4.293
102.7
0.082
51.1
0.644
–26.3
500.000
0.430
–121.0
3.569
93.9
0.088
50.2
0.587
–26.4
600.000
0.403
–134.8
3.201
89.4
0.097
52.7
0.575
–26.6
700.000
0.381
–146.8
2.866
81.5
0.104
52.5
0.556
–26.5
800.000
0.369
–156.6
2.602
76.9
0.113
54.1
0.554
–28.4
900.000
0.365
–164.7
2.301
71.0
0.120
57.0
0.548
–29.8
1000.000
0.374
–172.5
2.116
66.5
0.129
57.3
0.534
–33.2
1100.000
0.385
179.5
1.947
63.0
0.137
60.0
0.525
–35.6
1200.000
0.388
170.8
1.834
58.0
0.147
60.1
0.504
–38.0
1300.000
0.388
165.1
1.746
53.9
0.161
61.0
0.491
–40.1
1400.000
0.387
160.9
1.595
49.8
0.167
61.7
0.478
–42.1
1500.000
0.408
157.0
1.498
44.8
0.179
61.4
0.475
–44.4
1600.000
0.426
153.2
1.413
43.9
0.187
64.5
0.470
–47.4
1700.000
0.444
147.5
1.324
41.0
0.200
64.1
0.465
–51.0
1800.000
0.460
143.2
1.313
38.8
0.219
66.0
0.453
–55.4
1900.000
0.468
139.6
1.267
35.5
0.236
65.1
0.444
–59.1
2000.000
0.482
136.3
1.253
30.2
0.254
63.0
0.433
–63.1
VCE = 10 V, IC = 10 mA
Frequency
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.000
0.575
–68.9
15.642
129.8
0.029
67.0
0.783
–22.3
200.000
0.424
–105.2
9.996
108.2
0.040
61.1
0.616
–24.1
300.000
0.351
–128.2
7.060
96.0
0.053
59.6
0.537
–23.8
400.000
0.322
–143.4
5.391
89.1
0.063
63.9
0.505
–21.8
500.000
0.315
–155.1
4.362
83.0
0.073
64.0
0.478
–20.7
600.000
0.314
–165.5
3.794
79.8
0.086
67.4
0.476
–20.7
700.000
0.313
–174.5
3.274
73.4
0.097
67.2
0.470
–20.6
800.000
0.316
179.6
3.044
70.1
0.111
67.5
0.472
–22.4
900.000
0.323
175.0
2.679
65.5
0.120
68.8
0.472
–24.0
1000.000
0.344
170.0
2.450
61.7
0.133
67.6
0.462
–27.4
1100.000
0.363
164.6
2.250
58.9
0.144
69.1
0.454
–29.8
1200.000
0.374
157.9
2.109
54.5
0.155
68.1
0.438
–32.3
1300.000
0.378
153.6
2.008
50.5
0.171
67.9
0.427
–34.2
1400.000
0.382
150.7
1.822
46.9
0.177
67.7
0.417
–36.0
1500.000
0.403
148.2
1.709
41.9
0.191
66.3
0.415
–38.2
1600.000
0.423
145.6
1.600
41.5
0.201
68.9
0.410
–41.2
1700.000
0.443
141.1
1.497
38.8
0.214
67.8
0.406
–44.8
1800.000
0.463
137.7
1.484
36.8
0.233
69.0
0.396
–49.1
1900.000
0.474
134.7
1.429
33.8
0.249
67.4
0.388
–52.8
2000.000
0.490
131.9
1.405
28.5
0.268
65.0
0.378
–57.0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com