Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4942 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SC4942
Description  SILICON TRANSISTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4942 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC4942 Datasheet HTML 1Page - Renesas Technology Corp 2SC4942 Datasheet HTML 2Page - Renesas Technology Corp 2SC4942 Datasheet HTML 3Page - Renesas Technology Corp 2SC4942 Datasheet HTML 4Page - Renesas Technology Corp 2SC4942 Datasheet HTML 5Page - Renesas Technology Corp 2SC4942 Datasheet HTML 6Page - Renesas Technology Corp 2SC4942 Datasheet HTML 7Page - Renesas Technology Corp 2SC4942 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1998
©
Document No. D16152EJ1V0DS00 (2nd edition)
Date Published April 2002 N CP(K)
Printed in Japan
SILICON TRANSISTORS
2SC4942
NPN SILICON TRIPLE DIFFUSED TRANSISTOR
FOR HIGH-SPEED HIGH-VOLTAGE SWITCHING
DATA SHEET
2002
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
The 2SC4942 is a transistor developed for high-speed high-
voltage switching. This transistor is ideal for use in switching
devices such as switching regulators and DC/DC converters.
FEATURES
• New package with dimensions in between those of small
signal and power signal package
• High voltage
• Fast switching speed
• Complementary transistor with the 2SA1871
QUALITY GRADES
• Standard
Please refer to “Quality Grades on NEC Semiconductor
Devices” (Document No. C11531E) published by NEC
Corporation to know the specification of quality grade on the
devices and its recommended applications.
PACKAGE DRAWING (UNIT: mm)
ABSOLUTE MAXIMUM RATINGS (Ta = 25
°°°°C)
Parameter
Symbol
Conditions
Ratings
Unit
Collector to base voltage
VCBO
600
V
Collector to emitter voltage
VCEO
600
V
Emitter to base voltage
VEBO
7.0
V
Collector current (DC)
ID(DC)
1.0
A
Collector current (pulse)
ID(pulse)
PW
≤ 10 ms, duty cycle ≤ 50 %
2.0
A
Total power dissipation
PT
7.5 cm
2
× 0.7 mm ceramic board mounted
2.0
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Electrode connection
1. Emitter
2. Collector
3. Base



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com