Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4942 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SC4942
Description  SILICON TRANSISTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4942 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SC4942 Datasheet HTML 1Page - Renesas Technology Corp 2SC4942 Datasheet HTML 2Page - Renesas Technology Corp 2SC4942 Datasheet HTML 3Page - Renesas Technology Corp 2SC4942 Datasheet HTML 4Page - Renesas Technology Corp 2SC4942 Datasheet HTML 5Page - Renesas Technology Corp 2SC4942 Datasheet HTML 6Page - Renesas Technology Corp 2SC4942 Datasheet HTML 7Page - Renesas Technology Corp 2SC4942 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
'DWD 6KHHW'(-9'6

2SC4942
(/(&75,&$/ &+$5$&7(5,67,&6 7D
°°°°&
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Collector cutoff current
ICBO
VCB = 600 V, IE = 0
10
µA
Emitter cutoff current
IEBO
VEB = 7.0 V, IC = 0
10
µA
DC current gain
hFE1
VCE = 5.0 V, IC = 0.1 A
30
55
120
−
DC current gain
hFE2
VCE = 5.0 V, IC = 0.5 A
5
10
−
Collector saturation voltage
VCE(sat)
IC = 400 mV, IB = 80 mA
0.35
1.0
V
Base saturation voltage
VBE(sat)
IC = 400 mV, IB = 80 mA
0.9
1.2
V
Gain bandwidth product
fT
VCE = 5.0 V, IE =
−50 mA
30
MHz
Output capacitance
Cob
VCB = 10 V, IE = 0, f = 1.0 MHz
15
pF
Turn-on time
tON
0.1
0.5
µs
Storage time
tstg
4.0
5.0
µs
Fall time
tf
IC = 0.5 A, VCC= 250 V
IB1 =
−IB2 = 0.1 A
RL = 500
Ω
0.2
0.5
µs
K)( &/$66,),&$7,21
Marking
AA1
AA2
AA3
hFE1
30 to 60
40 to 80
60 to 120
7<3,&$/&+$5$&7(5,67,&6 7D
°°°°&



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com