Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58LR128FB Datasheet(PDF) 63 Page - STMicroelectronics

Part # M58LR128FB
Description  128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LR128FB Datasheet(HTML) 63 Page - STMicroelectronics

Back Button M58LR128FB Datasheet HTML 59Page - STMicroelectronics M58LR128FB Datasheet HTML 60Page - STMicroelectronics M58LR128FB Datasheet HTML 61Page - STMicroelectronics M58LR128FB Datasheet HTML 62Page - STMicroelectronics M58LR128FB Datasheet HTML 63Page - STMicroelectronics M58LR128FB Datasheet HTML 64Page - STMicroelectronics M58LR128FB Datasheet HTML 65Page - STMicroelectronics M58LR128FB Datasheet HTML 66Page - STMicroelectronics M58LR128FB Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 82 page
background image
63/82
M58LR128FT, M58LR128FB
Table 35. Primary Algorithm-Specific Extended Query Table
Offset
Data
Description
Value
(P)h = 10Ah
0050h
Primary Algorithm extended Query table unique ASCII string “PRI”
"P"
0052h
"R"
0049h
"I"
(P+3)h = 10Dh
0031h
Major version number, ASCII
"1"
(P+4)h = 10Eh
0033h
Minor version number, ASCII
"3"
(P+5)h = 10Fh
00E6h
Extended Query table contents for Primary Algorithm. Address (P+5)h
contains less significant byte.
bit 0
Chip Erase supported
(1 = Yes, 0 = No)
bit 1
Erase Suspend supported
(1 = Yes, 0 = No)
bit 2
Program Suspend supported
(1 = Yes, 0 = No)
bit 3
Legacy Lock/Unlock supported
(1 = Yes, 0 = No)
bit 4
Queued Erase supported
(1 = Yes, 0 = No)
bit 5
Instant individual block locking supported (1 = Yes, 0 = No)
bit 6
Protection bits supported
(1 = Yes, 0 = No)
bit 7
Page mode read supported
(1 = Yes, 0 = No)
bit 8
Synchronous read supported
(1 = Yes, 0 = No)
bit 9
Simultaneous operation supported
(1 = Yes, 0 = No)
bit 10 to 31Reserved; undefined bits are ‘0’. If bit 31 is ’1’ then another 31
bit field of optional features follows at the end of the bit-30
field.
No
Yes
Yes
No
No
Yes
Yes
Yes
Yes
Yes
0003h
(P+7)h = 111h
0000h
(P+8)h = 112h
0000h
(P+9)h = 113h
0001h
Supported Functions after Suspend
Read Array, Read Status Register and CFI Query
bit 0
Program supported after Erase Suspend (1 = Yes, 0 = No)
bit 7 to 1
Reserved; undefined bits are ‘0’
Yes
(P+A)h = 114h
0003h
Block Protect Status
Defines which bits in the Block Status Register section of the Query are
implemented.
bit 0
Block protect Status Register Lock/Unlock
bit active
(1 = Yes, 0 = No)
bit 1
Block Lock Status Register Lock-Down bit active (1 = Yes, 0 = No)
bit 15 to 2 Reserved for future use; undefined bits are ‘0’
Yes
Yes
(P+B)h = 115h
0000h
(P+C)h = 116h
0018h
VDD Logic Supply Optimum Program/Erase voltage (highest performance)
bit 7 to 4
HEX value in volts
bit 3 to 0
BCD value in 100 mV
1.8V
(P+D)h = 117h
0090h
VPP Supply Optimum Program/Erase voltage
bit 7 to 4
HEX value in volts
bit 3 to 0
BCD value in 100 mV
9V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com