Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58LR128FB Datasheet(PDF) 75 Page - STMicroelectronics

Part # M58LR128FB
Description  128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LR128FB Datasheet(HTML) 75 Page - STMicroelectronics

Back Button M58LR128FB Datasheet HTML 71Page - STMicroelectronics M58LR128FB Datasheet HTML 72Page - STMicroelectronics M58LR128FB Datasheet HTML 73Page - STMicroelectronics M58LR128FB Datasheet HTML 74Page - STMicroelectronics M58LR128FB Datasheet HTML 75Page - STMicroelectronics M58LR128FB Datasheet HTML 76Page - STMicroelectronics M58LR128FB Datasheet HTML 77Page - STMicroelectronics M58LR128FB Datasheet HTML 78Page - STMicroelectronics M58LR128FB Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 82 page
background image
75/82
M58LR128FT, M58LR128FB
Figure 29. Buffer Enhanced Factory Program Flowchart and Pseudo Code
Write 80h to
Address WA1
AI07302B
Start
Write D0h to
Address WA1
Write FFFFh to
Address = NOT WA1
Read Status
Register
SR7 = 0
NO
NO
SR0 = 0
YES
Read Status Register
SR3 and SR1for errors
Exit
Write PDX
Address WA1
Increment Count
X = X + 1
Initialize count
X = 0
X = 32
YES
Read Status
Register
Last data?
YES
Read Status
Register
SR7 = 1
YES
Full Status Register
Check
End
YES
Buffer_Enhanced_Factory_Program_Command
(start_address, DataFlow[]) {
writeToFlash (start_address, 0x80) ;
writeToFlash (start_address, 0xD0) ;
do{
do {
status_register = readFlash (start_address);
if (status_register.SR4==1) { /*error*/
if (status_register.SR3==1) /*VPP error */
error_handler ( ) ;
if (status_register.SR1==1) /* Locked Block */
error_handler ( ) ;
}
while (status_register.SR7==1)
x=0; /* initialize count */
do {
writeToFlash (start_address, DataFlow[x]);
x++;
}while (x<32)
do {
status_register = readFlash (start_address);
}while (status_register.SR0==1)
} while (not last data)
writeToFlash (another_block_address, FFFFh)
do {
status_register = readFlash (start_address)
}while (status_register.SR7==0)
full_status_register_check();
SR4 = 1
NO
NO
NO
NO
SETUP PHASE
PROGRAM AND
VERIFY PHASE
EXIT PHASE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com