Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5754 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # 2SC5754
Description  NPN SILICON RF TRANSISTOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5754 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button 2SC5754 Datasheet HTML 7Page - Renesas Technology Corp 2SC5754 Datasheet HTML 8Page - Renesas Technology Corp 2SC5754 Datasheet HTML 9Page - Renesas Technology Corp 2SC5754 Datasheet HTML 10Page - Renesas Technology Corp 2SC5754 Datasheet HTML 11Page - Renesas Technology Corp 2SC5754 Datasheet HTML 12Page - Renesas Technology Corp 2SC5754 Datasheet HTML 13Page - Renesas Technology Corp 2SC5754 Datasheet HTML 14Page - Renesas Technology Corp 2SC5754 Datasheet HTML 15Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Data Sheet PU10008EJ02V0DS
9
2SC5754
EVALUATION CIRCUIT EXAMPLE : 1.8 GHz PA EVALUATION BOARD
PCB Pattern and Element Layout
C2
C1
C6
C4
RF in
RF out
VB
VC
SL1
SL4
SL2
Tr. (2SC5754)
SL3 SL5
Remarks 1. 38
× 38 mm, t = 0.4 mm,
εr = 4.55 double-sided
copper-clad polyimide board
2. Back side : GND pattern
3. Solder plating on pattern
4.
: Through holes
Equivalent Circuit
VB
VC
Tr.
C5
C4
C2
C3
RF out
RF in
SL5
C6
C1
SL3
SL2
SL4
SL1
Parts List
Parts
Value
Size
Classification
C1, C6
18 pF
Multiplayer ceramic chip capacitor
C2
3 300 pF
Multiplayer ceramic chip capacitor
C3
3 pF
Multiplayer ceramic chip capacitor
C4
15 pF
Multiplayer ceramic chip capacitor
C5
1.5 pF
Multiplayer ceramic chip capacitor
SL1, SL4
w = 0.20 mm
Strip line
SL2
w = 0.76 mm, l = 2.5 mm
Strip line
SL3
w = 0.76 mm, l = 5 mm
Strip line
SL5
w = 0.76 mm, l = 1.5 mm
Strip line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com